Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC74D
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC74D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC74D Datasheet HTML 1Page - NXP Semiconductors 74HC74D Datasheet HTML 2Page - NXP Semiconductors 74HC74D Datasheet HTML 3Page - NXP Semiconductors 74HC74D Datasheet HTML 4Page - NXP Semiconductors 74HC74D Datasheet HTML 5Page - NXP Semiconductors 74HC74D Datasheet HTML 6Page - NXP Semiconductors 74HC74D Datasheet HTML 7Page - NXP Semiconductors 74HC74D Datasheet HTML 8Page - NXP Semiconductors 74HC74D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 August 2012
3 of 21
NXP Semiconductors
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) This is not a supply pin. The substrate is attached to
this pad using conductive die attach material. There
is no electrical or mechanical requirement to solder
this pad. However, if it is soldered, the solder land
should remain floating or be connected to GND.
Fig 5.
Pin configuration for DIP14, SO14 and (T)SSOP14
Fig 6.
Pin configuration for DHVQFN14
+&
+&7
5'
9&&
'
5'
&3
'
6'
&3
4
6'
4
4
*1'
4
DDD














DDD
+&
+&7
7UDQVSDUHQW WRS YLHZ
4
4
4
6'
6'
&3
&3
'
'
5'
*1' 










WHUPLQDO
LQGH[DUHD
Table 2.
Pin description
Symbol
Pin
Description
1RD
1
asynchronous reset-direct input (active LOW)
1D
2
data input
1CP
3
clock input (LOW-to-HIGH, edge-triggered)
1SD
4
asynchronous set-direct input (active LOW)
1Q
5
output
1Q
6
complement output
GND
7
ground (0 V)
2Q
8
complement output
2Q
9
output
2SD
10
asynchronous set-direct input (active LOW)
2CP
11
clock input (LOW-to-HIGH, edge-triggered)
2D
12
data input
2RD
13
asynchronous reset-direct input (active LOW)
VCC
14
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com