Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDFME-100 Datasheet(PDF) 14 Page - ITT Industries

Part # DDFME-100
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DDFME-100 Datasheet(HTML) 14 Page - ITT Industries

Back Button DDFME-100 Datasheet HTML 10Page - ITT Industries DDFME-100 Datasheet HTML 11Page - ITT Industries DDFME-100 Datasheet HTML 12Page - ITT Industries DDFME-100 Datasheet HTML 13Page - ITT Industries DDFME-100 Datasheet HTML 14Page - ITT Industries DDFME-100 Datasheet HTML 15Page - ITT Industries DDFME-100 Datasheet HTML 16Page - ITT Industries DDFME-100 Datasheet HTML 17Page - ITT Industries DDFME-100 Datasheet HTML 18Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
D Cannon D-Subminiature Accessories
12
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Plastic Backshell
TWO SCREWS 4-24 X 5/16 long
SELF-TAPPING
B
C
A
Cable Entry
D
F
Cable Entry
ø E
G
Cable Entry
A
C
B
D
J
K
Cable Entry
ø H
Cable Entry
One-Piece Plastic
Straight Exit
90º Exit
• Kit consists of 1 shell, 1 cable clamp,
1 set screw
• Mounting hardware included
• 2 screws #4-24 x 5/16 long self tapping
• Accommodates spring latches
Materials and Finishes
Material:
Black Thermoplastic,
UL 94V-0 rated
Hardware Material:
Steel
Hardware Finish:
Chromate over Zinc
• Kit consists of 1 shell, 1 cable clamp,
1 set screw
• Mounting hardware included
• 2 screws #4-24 x 5/16 long self tapping
Materials and Finishes
Material:
Black Thermoplastic,
UL 94V-0 rated
Hardware Material:
Steel
Hardware Finish:
Chromate over Zinc
Shell
Part
AB
C
D
øE
FG
Size Layout Number ±0,38 (.015) ±0,38 (.015) ±0,13 (.005) ±0,38 (.015) ±0,25 (.010) ±0,25 (.010) ±0,25 (.010)
DE
9
DE51218 30,94 (1.218) 25,40 (1.000) 24,99 (.984) 12,70 (.500) 7,14 (.281)
——
DA
15
DA51210 39,27 (1.546) 25,40 (1.000) 33,33 (1.312) 12,70 (.500) 9,14 (.360)
——
DB
25
DB51212 53,16 (2.093) 31,75 (1.250) 47,04 (1.852) 12,70 (.500)
—
12,52 (.493)
9.15 (.360)
DC
37
DC51214 69,44 (2.734) 38,10 (1.500) 63,50 (2.500) 12,70 (.500)
—
17,63 (.694)
9.15 (.360)
DD
50
DD51216 67,06 (2.640) 38,10 (1.500) 61,11 (2.406) 15,47 (.690)
—
18,64 (.734)
11,89 (.468)
Shell
Part
AB
C
D
øH
JK
Size Layout Number ±0,38 (.015) ±0,38 (.015) ±0,13 (.005) ±0,38 (.015) ±0,25 (.010) ±0,25 (.010) ±0,25 (.010)
DE
9
DE51219 37,95 (1.494) 25,40 (1.000) 24,99 (.984) 12,70 (.500) 7,14 (.281)
——
DA
15
DA51211 46,28 (1.822) 25,40 (1.000) 33,33 (1.312) 12,70 (.500) 9,14 (.360)
——
DB
25
DB51213 60,15 (2.368) 31,75 (1.250) 47,04 (1.852) 12,70 (.500)
—
12,52 (.493)
9.15 (.360)
DC
37
DC51215 76,43 (3.009) 38,10 (1.500) 63,50 (2.500) 12,70 (.500)
—
17,63 (.694)
9.15 (.360)
DD
50
DD51217 74,04 (2.915) 38,10 (1.500) 61,11 (2.406) 15,47 (.690)
—
18,64 (.734)
11,89 (.468)
D sub:Layout 1
3/24/09
12:37 PM
Page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com