Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8950 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8950
Description  2 쨈 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 9Page - NXP Semiconductors TDA8950 Datasheet HTML 10Page - NXP Semiconductors TDA8950 Datasheet HTML 11Page - NXP Semiconductors TDA8950 Datasheet HTML 12Page - NXP Semiconductors TDA8950 Datasheet HTML 13Page - NXP Semiconductors TDA8950 Datasheet HTML 14Page - NXP Semiconductors TDA8950 Datasheet HTML 15Page - NXP Semiconductors TDA8950 Datasheet HTML 16Page - NXP Semiconductors TDA8950 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TDA8950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
13 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
11. Static characteristics
[1]
VP is the supply voltage on pins VDDP1, VDDP2 and VDDA.
[2]
The circuit is DC adjusted at VP = ±12.5 V to ±42.5 V.
[3]
Unbalance protection activated when VDDA > 2 ×|VSSA| OR |VSSA| > 2 × VDDA.
[4]
With respect to SGND (0 V).
[5]
The transition between Standby and Mute modes has hysteresis, while the slope of the transition between Mute and Operating modes is
determined by the time-constant of the RC network on pin MODE; see Figure 8.
[6]
DC output offset voltage is gradually applied to the output during the transition between Mute and Operating modes. The slope caused
by any DC output offset is determined by the time-constant of the RC network on pin MODE.
[7]
At a junction temperature of approximately Tact(th_fold) − 5 °C, gain reduction commences and at a junction temperature of approximately
Tact(th_prot), the amplifier switches off.
Table 8.
Static characteristics
VP = ±35 V; fosc = 345 kHz; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VP[1]
supply voltage
Operating mode
[2]
±12.5 ±30
±40
V
VP(ovp)
overvoltage protection supply voltage
Standby, Mute modes;
VDD − VSS
85
-
90
V
VP(uvp)
undervoltage protection supply voltage VDD − VSS
20
-
25
V
VP(ubp)
unbalance protection supply voltage
[3] -33
-
%
Iq(tot)
total quiescent current
Operating mode; no load; no
filter; no RC-snubber network
connected
-
5075mA
Istb
standby current
measured at 30 V
-
480
650
µA
Mode select input; pin MODE
VMODE
voltage on pin MODE
referenced to SGND
[4] 0-
6V
Standby mode
[4][5] 0
-
0.8
V
Mute mode
[4][5] 2.2
-
3.0
V
Operating mode
[4][5] 4.2
-
6
V
II
input current
VI = 5.5 V
-
110
150
µA
Audio inputs; pins IN1M, IN1P, IN2P and IN2M
VI
input voltage
DC input
[4] -0
-V
Amplifier outputs; pins OUT1 and OUT2
VO(offset)
output offset voltage
SE; Mute mode
-
-
±25
mV
SE; Operating mode
[6] --
±150
mV
BTL; Mute mode
-
-
±30
mV
BTL; Operating mode
[6] --
±210
mV
Stabilizer output; pin STABI
VO(STABI)
output voltage on pin STABI
Mute and Operating modes;
with respect to VSSD
9.3
9.8
10.3
V
Temperature protection
Tact(th_prot)
thermal protection activation
temperature
-
154
-
°C
Tact(th_fold)
thermal foldback activation
temperature
closed loop SE voltage gain
reduced with 6 dB
[7] -
153
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com