Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8950J Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8950J
Description  2 쨈 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950J Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8950J Datasheet HTML 1Page - NXP Semiconductors TDA8950J Datasheet HTML 2Page - NXP Semiconductors TDA8950J Datasheet HTML 3Page - NXP Semiconductors TDA8950J Datasheet HTML 4Page - NXP Semiconductors TDA8950J Datasheet HTML 5Page - NXP Semiconductors TDA8950J Datasheet HTML 6Page - NXP Semiconductors TDA8950J Datasheet HTML 7Page - NXP Semiconductors TDA8950J Datasheet HTML 8Page - NXP Semiconductors TDA8950J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TDA8950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
2 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
4.
Quick reference data
[1]
VP is the supply voltage on pins VDDP1, VDDP2 and VDDA.
[2]
The circuit is DC adjusted at VP = ±12.5 V to ±32.5 V.
[3]
Output power is measured indirectly; based on RDSon measurement; see Section 13.3.
5.
Ordering information
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
General, VP[1] = ±30 V
VP
supply voltage
Operating mode
[2]
±12.5 ±35 ±40
V
VP(ovp)
overvoltage protection supply voltage Standby, Mute modes; VDD − VSS
85
-
90
V
Iq(tot)
total quiescent current
Operating mode; no load; no filter; no
RC-snubber network connected
-50
75
mA
Stereo SE configuration
Po
output power
Tj =85 °C; LLC =22 µH; CLC = 680 nF
(see Figure 10)
[3]
THD + N = 10 %; RL =4 Ω; VP = ±39 V
170
W
THD + N = 0.5 %; RL = 4 Ω; VP = ±37 V
-
100
-
W
THD + N = 10 %; RL = 4 Ω; VP = ±37 V
-
150
-
W
THD + N = 10 %; RL = 6 Ω; VP = ±37 V
-
100
-
W
Mono BTL configuration
Po
output power
Tj =85 °C; LLC =22 µH; CLC = 680 nF
(see Figure 10); RL =8 Ω;
THD + N = 10 %; VP = ±37 V
[3] -
300
-
W
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8950J
DBS23P
plastic DIL-bent-SIL power package; 23 leads (straight lead length 3.2 mm) SOT411-1
TDA8950TH
HSOP24
plastic, heatsink small outline package; 24 leads; low stand-off height
SOT566-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com