Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431AFDT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TL431AFDT
Description  Adjustable precision shunt regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431AFDT Datasheet(HTML) 2 Page - NXP Semiconductors

  TL431AFDT Datasheet HTML 1Page - NXP Semiconductors TL431AFDT Datasheet HTML 2Page - NXP Semiconductors TL431AFDT Datasheet HTML 3Page - NXP Semiconductors TL431AFDT Datasheet HTML 4Page - NXP Semiconductors TL431AFDT Datasheet HTML 5Page - NXP Semiconductors TL431AFDT Datasheet HTML 6Page - NXP Semiconductors TL431AFDT Datasheet HTML 7Page - NXP Semiconductors TL431AFDT Datasheet HTML 8Page - NXP Semiconductors TL431AFDT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TL431_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 30 June 2011
2 of 27
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
2.
Features and benefits
Programmable output voltage up to 36 V
Three different reference voltage tolerances:
Standard grade: 2 %
A-Grade: 1 %
B-Grade: 0.5 %
Typical temperature drift: 6 mV (in a range of 0
C up to 70 C)
Low output noise
Typical output impedance: 0.2
Sink current capability: 1 mA to 100 mA
AEC-Q100 qualified (grade 1)
3.
Applications
Shunt regulator
Precision current limiter
Precision constant current sink
Isolated feedback loop for Switch Mode Power Supply (SMPS)
4.
Quick reference data
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VKA
cathode-anode voltage
Vref
-36
V
IK
cathode current
1
-
100
mA
Vref
reference voltage
VKA =Vref;
IK =10mA;
Tamb =25 C
Standard-Grade (2 %)
2440
2495
2550
mV
A-Grade (1 %)
2470
2495
2520
mV
B-Grade (0.5 %)
2483
2495
2507
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com