Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11242 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 11242
Description  Integrated Processor with DMA User s Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

11242 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 11242 Datasheet HTML 9Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 10Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 11Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 12Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 13Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 14Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 15Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 16Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 441 page
background image
11/2/95
SECTION 1: OVERVIEW
UM Rev.1.0
xii
MC68340 USER'S MANUAL
MOTOROLA
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
6.3.2.2
External Cycle Steal Mode .....................................................................6-5
6.4
Data Transfer Modes........................................................................................6-6
6.4.1
Single-Address Mode..................................................................................6-6
6.4.1.1
Single-Address Read...............................................................................6-7
6.4.1.2
Single-Address Write...............................................................................6-9
6.4.2
Dual-Address Mode .....................................................................................6-12
6.4.2.1
Dual-Address Read ..................................................................................6-12
6.4.2.2
Dual-Address Write ..................................................................................6-14
6.5
Bus Arbitration...................................................................................................6-18
6.6
DMA Channel Operation.................................................................................6-18
6.6.1
Channel Initialization and Startup.............................................................6-18
6.6.2
Data Transfers...............................................................................................6-19
6.6.2.1
Internal Request Transfers......................................................................6-19
6.6.2.2
External Request Transfers.....................................................................6-19
6.6.3
Channel Termination ...................................................................................6-20
6.6.3.1
Channel Termination ...............................................................................6-20
6.6.3.2
Interrupt Operation....................................................................................6-20
6.6.3.3
Fast Termination Option ..........................................................................6-20
6.7
Register Description.........................................................................................6-22
6.7.1
Module Configuration Register (MCR)......................................................6-23
6.7.2
Interrupt Register (INTR)..............................................................................6-26
6.7.3
Channel Control Register (CCR) ...............................................................6-26
6.7.4
Channel Status Register (CSR).................................................................6-30
6.7.5
Function Code Register (FCR) ...................................................................6-32
6.7.6
Source Address Register (SAR) ................................................................6-33
6.7.7
Destination Address Register (DAR).........................................................6-33
6.7.8
Byte Transfer Counter Register (BTC) ......................................................6-34
6.8
Data Packing .....................................................................................................6-35
6.9
DMA Channel Initialization Sequence .........................................................6-36
6.9.1
DMA Channel Configuration ......................................................................6-36
6.9.1.1
DMA Channel Operation in Single-Address Mode............................6-37
6.9.1.2
DMA Channel Operation in Dual-Address Mode ...............................6-37
6.9.2
DMA Channel Example Configuration Code ..........................................6-38
Section 7
Serial Module
7.1
Module Overview..............................................................................................7-2
7.1.1
Serial Communication Channels A and B ...............................................7-3
7.1.2
Baud Rate Generator Logic ........................................................................7-3
7.1.3
Internal Channel Control Logic..................................................................7-3
7.1.4
Interrupt Control Logic .................................................................................7-3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com