Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7455LR1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA7455LR1
Description  Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LR1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA7455LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Sensors
Freescale Semiconductor
9
MMA7455L
FEATURES
Self-Test
The sensor provides a self-test feature that allows the verification of the mechanical and electrical integrity of the accelerometer
at any time before or after installation. This feature is critical in applications such as hard disk drive protection where system in-
tegrity must be ensured over the life of the product. When the self-test function is initiated through the mode control register ($16),
accessing the “self-test” bit, an electrostatic force is applied to each axis to cause it to deflect. The Z-axis is trimmed to deflect
1g. This procedure assures that both the mechanical (g-cell) and electronic sections of the accelerometer are functioning.
g-Select
The g-Select feature enables the selection between 3 acceleration ranges for measurement. Depending on the values in the
Mode control register ($16), the MMA7455L’s internal gain will be changed allowing it to function with a 2g, 4g or 8g measurement
sensitivity. This feature is ideal when a product has applications requiring two or more acceleration ranges for optimum perfor-
mance and for enabling multiple functions. The sensitivity can be changed during the operation by modifying the two GLVL bits
located in the mode control register.
Standby Mode
This digital output 3-axis accelerometer provides a standby mode that is ideal for battery operated products. When standby mode
is active, the device outputs are turned off, providing significant reduction of operating current. When the device is in standby
mode the current will be reduced to 2.5 µA typical. In standby mode the device can read and write to the registers with the I2C/
SPI available, but no new measurements can be taken in this mode as all current consuming parts are off. The mode of the device
is controlled through the mode control register by accessing the two mode bits as shown in Table 6.
Measurement Mode
The device can read XYZ measurements in this mode. The pulse and threshold interrupts are not active. During measurement
mode, continuous measurements on all three axes enabled. The g-range for 2g, 4g, or 8g are selectable with 8-bit data and the
g-range of 8g is selectable with 10-bit data. The sample rate during measurement mode is 125 Hz with 62.5 BW filter selected.
The sample rate is 250 Hz with the 125 Hz filter selected. Therefore, when a conversion is complete (signaled by the DRDY flag),
the next measurement will be ready.
When measurements on all three axes are completed, a logic high level is output to the DRDY pin, indicating “measurement data
is ready.” The DRDY status can be monitored by the DRDY bit in Status Register (Address: $09). The DRDY pin is kept high until
one of the three Output Value Registers are read. If the next measurement data is written before the previous data is read, the
DOVR bit in the Status Register will be set. Also note that in measurement mode, level detection mode and pulse detection mode
are not available.
By default all three axes are enabled. X and/or Y and/or Z can be disabled. There is a choice between detecting an absolute
signal or a positive or negative only signal on the enabled axes. There is also a choice between doing a detection for motion
where X or Y or Z > Threshold vs. doing a detection for freefall where X & Y & Z < Threshold.
$16: Mode Control Register (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
DRPD
SPI3W
STON
GLVL[1]
GLVL[0]
MODE[1]
MODE[0]
Function
0
0
0
0
0
0
0
0
Default
Table 5. Configuring the g-Select for 8-bit output using Register $16 with GLVL[1:0] bits
GLVL [1:0]
g-Range
Sensitivity
00
8g
16 LSB/g
01
2g
64 LSB/g
10
4g
32 LSB/g
Table 6. Configuring the Mode using Register $16 with MODE[1:0] bits
MODE [1:0]
Function
00
Standby Mode
01
Measurement Mode
10
Level Detection Mode
11
Pulse Detection Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com