Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPUV2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # S12CPUV2
Description  Automotive applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12CPUV2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  S12CPUV2 Datasheet HTML 1Page - Freescale Semiconductor, Inc S12CPUV2 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2 x SCI
3 x SPI
2 x CAN
2.0 A/B
PWM
8-bit, 8 ch./16-bit, 4-ch.
HCS12 CPU
16-Key Wake-Up
IRQ Ports
Vreg
5V to 2.5V
Enhanced Capture Timer
16-bit, 8-ch.
ATD0
10-bit, 8-ch.
12 KB RAM
256 KB Flash
4 KB EEPROM
ATD1
10-bit, 8-ch.
I2C
16-bit Microcontrollers
MC9S12DG256
Overview
Freescale Semiconductor’s HCS12 Family of
microcontrollers (MCUs) is the next generation of
the highly successful 68HC12 architecture. Using
Freescale’s industry-leading 0.25 µs Flash, the
MC9S12DG256 is part of a pin-compatible
family that scales from 32 KB to 512 KB of Flash
memory. The MC9S12DG256 provides an upward
migration path from Freescale’s 68HC08, 68HC11
and 68HC12 architectures for applications that
need larger memory, more peripherals and higher
performance. Also, with the increasing number of
CAN-based electronic control units (ECUs), its
multiple network modules support this environment
by enabling highly efficient communications
between different network buses.
Target Applications
> Automotive applications
> Industrial control
Features
Benefits
High-Performance 16-bit HCS12 CPU Core
> 25 MHz bus operation at 5V for 40 ns
minimum instruction cycle time
> Opcode compatible with the 68HC11
and 68HC12
> C-optimized architecture produces extremely
compact code
On-Chip Debug Interface
> Dedicated serial debug interface
> On-chip breakpoints
> Real-time in-circuit emulation and debug
without expensive and cumbersome
box emulators
> Read/write memory and registers while running
at full speed
Network Modules
Integrated Third-Generation Flash Memory
4 KB Integrated EEPROM
> Flexible protection scheme for protection
against accidental program or erase
> EEPROM can be programmed in 46 µs
> Can erase 4 bytes at a time and program
2 bytes at a time for calibration, security,
personality and diagnostic information
> Two msCAN modules implementing the CAN
2.0 A/B protocol
• Five receive buffers per module with FIFO
storage scheme
• Three transmit buffers per module with
internal prioritization
> Ability to link modules for higher
buffer count
> Programmable bit rate up to 1 Mbps
> FIFO receive approach superior for
event-driven networks
> In-application reprogrammable
> Self-timed, fast programming
• Fast Flash page erase—20 ms
(512 bytes)
• Can program 16 bits in 20 µs while
in burst mode
> 5V Flash program/erase/read
> Flash granularity—512 byte Flash
erase/2 byte Flash program
> Four independently programmable
Flash arrays
> Flexible block protection and security
> Flexibility to change code in the field
> Efficient end-of-line programming
> Total program time for 256 KB code is less
than 10 seconds
> Reduces production programming cost
through ultra-fast programming
> No external high voltage or charge
pump required
> Virtual EEPROM implementation, Flash array
usable for EE extension
> Can erase one array while executing code
from another


Similar Part No. - S12CPUV2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
S12CPUV2 MOTOROLA-S12CPUV2 Datasheet
2Mb / 138P
MC9S12DT128 Device User Guide V02.09
S12CPUV2D MOTOROLA-S12CPUV2D Datasheet
2Mb / 138P
MC9S12DT128 Device User Guide V02.09
logo
Freescale Semiconductor...
S12CPUV2D FREESCALE-S12CPUV2D Datasheet
1Mb / 126P
MC9S12DJ64 Device User GUide V01.17
More results

Similar Description - S12CPUV2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS4010 IRF-AUIRFS4010 Datasheet
662Kb / 13P
Automotive applications
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
Automotive Varistor for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
Qualified for automotive applications
logo
Jauch Quartz Gmbh
SMU2 JAUCH-SMU2_12 Datasheet
116Kb / 1P
recommended for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
Qualified for Automotive Applications
logo
Sumida Corporation
CBM5D33 SUMIDA-CBM5D33_16 Datasheet
238Kb / 2P
Automotive and Industrial Applications
logo
Texas Instruments
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
Qualified for Automotive Applications
logo
Cypress Semiconductor
CY8C20236A CYPRESS-CY8C20236A Datasheet
728Kb / 29P
Automotive CapSense짰 Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com