Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60U Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3L60U
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60U Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3L60U Datasheet HTML 1Page - STMicroelectronics STPS3L60U Datasheet HTML 2Page - STMicroelectronics STPS3L60U Datasheet HTML 3Page - STMicroelectronics STPS3L60U Datasheet HTML 4Page - STMicroelectronics STPS3L60U Datasheet HTML 5Page - STMicroelectronics STPS3L60U Datasheet HTML 6Page - STMicroelectronics STPS3L60U Datasheet HTML 7Page - STMicroelectronics STPS3L60U Datasheet HTML 8Page - STMicroelectronics STPS3L60U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STPS3L60
4/11
Doc ID 7505 Rev 6
Figure 3.
Average forward current versus
ambient temperature (
δ = 0.5)
(DO-15)
Figure 4.
Average forward current versus
ambient temperature (
δ = 0.5)
(SMBflat)
I
(A)
F(AV)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
Rth(j-a)=Rth(j-l)
Rth(j-a)=100°C/W
T
(°C)
amb
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
Rth(j-a)=Rth(j-l)
Rth(j-a)=100°C/W
I
(A)
F(AV)
T
(°C)
amb
Figure 5.
Normalized avalanche power
derating versus pulse duration
Figure 6.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
Figure 7.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (DO-201AD)
Figure 8.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (DO-15)
I (A)
M
0
2
4
6
8
10
12
1.E-03
1.E-02
1.E-01
1.E+00
Ta=25 °C
Ta=50 °C
Ta=100 °C
IM
t
δ =0.5
t(s)
0
1
2
3
4
5
6
7
8
9
10
11
1.E-03
1.E-02
1.E-01
1.E+00
Ta=25 °C
Ta=50 °C
Ta=100 °C
IM
t
δ =0.5
I (A)
M
t(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com