Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS8L30B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS8L30B
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8L30B Datasheet(HTML) 3 Page - STMicroelectronics

  STPS8L30B Datasheet HTML 1Page - STMicroelectronics STPS8L30B Datasheet HTML 2Page - STMicroelectronics STPS8L30B Datasheet HTML 3Page - STMicroelectronics STPS8L30B Datasheet HTML 4Page - STMicroelectronics STPS8L30B Datasheet HTML 5Page - STMicroelectronics STPS8L30B Datasheet HTML 6Page - STMicroelectronics STPS8L30B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS8L30
Characteristics
3/7
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Figure 5.
Non repetitive surge peak
forward current versus overload
duration (maximum values)
Figure 6.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
IM
t
δ=0.5
I (A)
M
t(s)
T =25°C
c
T =75°C
c
T =125°C
c
Z/R
th(j-c)
th(j-c)
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values)
0
5
10
15
20
25
30
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
3E+2
I (mA)
R
V (V)
R
T =125°C
j
T =150°C
j
T =25°C
j
110
40
100
200
500
1000
2000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com