Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS8L30H Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS8L30H
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8L30H Datasheet(HTML) 1 Page - STMicroelectronics

  STPS8L30H Datasheet HTML 1Page - STMicroelectronics STPS8L30H Datasheet HTML 2Page - STMicroelectronics STPS8L30H Datasheet HTML 3Page - STMicroelectronics STPS8L30H Datasheet HTML 4Page - STMicroelectronics STPS8L30H Datasheet HTML 5Page - STMicroelectronics STPS8L30H Datasheet HTML 6Page - STMicroelectronics STPS8L30H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
March 2006
Rev 4
1/7
7
STPS8L30
Low drop power Schottky rectifier
Main product characteristics
Features and benefits
■ Low cost device with low drop forward voltage
for less power dissipation and reduced
heatsink
■ Optimized conduction/reverse losses trade-off
which leads to the highest yield in the
application
■ High power surface mount miniature package
■ Avalanche capability specified
Description
Single Schottky rectifier suited to Switched Mode
Power Supplies and high frequency DC to DC
converters.
Packaged in DPAK and IPAK, this device is
especially intended for use as a Rectifier at the
secondary of 3.3 V SMPS or DC/DC units.
wheeling and polarity protection applications.
Order codes
IF(AV)
8 A
VRRM
30 V
Tj
150° C
VF(max)
0.40 V
Part Numbers
Marking
STPS8L30B
LS30
STPS8L30B-TR
LS30
STPS8L30H
STPS8L30H
A
NC
K
A
NC
K
K
DPAK
STPS8L30B
IPAK
STPS8L30H
Table 1.
Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS)
RMS forward voltage
7
A
IF(AV)
Average forward current
Tc = 135° C
δ = 0.5
8
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
IRRM
Peak repetitive reverse current
tp = 2 µs F = 1 kHz square
1
A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
2
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
3000
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature (1)
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
1.
thermal runaway condition for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
>
www.st.com


Similar Part No. - STPS8L30H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS8L30H STMICROELECTRONICS-STPS8L30H Datasheet
41Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-2000
More results

Similar Description - STPS8L30H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com