Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349CVVALDB Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8349CVVALDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349CVVALDB Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8349CVVALDB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
56
Freescale Semiconductor
Package and Pin Listings
18.3
Pinout Listings
Table 55 provides the pin-out listing for the MPC8349EA, 672 TBGA package.
Table 55. MPC8349EA (TBGA) Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI1 and PCI2 (One 64-Bit or Two 32-Bit)
PCI1_INTA/IRQ_OUT
B34
O
OVDD
2
PCI1_RESET_OUT
C33
O
OVDD
—
PCI1_AD[31:0]
G30, G32, G34, H31, H32, H33, H34, J29,
J32, J33, L30, K31, K33, K34, L33, L34,
P34, R29, R30, R33, R34, T31, T32, T33,
U31, U34, V31, V32, V33, V34, W33, W34
I/O
OVDD
—
PCI1_C/BE[3:0]
J30, M31, P33, T34
I/O
OVDD
—
PCI1_PAR
P32
I/O
OVDD
—
PCI1_FRAME
M32
I/O
OVDD
5
PCI1_TRDY
N29
I/O
OVDD
5
PCI1_IRDY
M34
I/O
OVDD
5
PCI1_STOP
N31
I/O
OVDD
5
PCI1_DEVSEL
N30
I/O
OVDD
5
PCI1_IDSEL
J31
I
OVDD
—
PCI1_SERR
N34
I/O
OVDD
5
PCI1_PERR
N33
I/O
OVDD
5
PCI1_REQ[0]
D32
I/O
OVDD
—
PCI1_REQ[1]/CPCI1_HS_ES
D34
I
OVDD
—
PCI1_REQ[2:4]
E34, F32, G29
I
OVDD
—
PCI1_GNT0
C34
I/O
OVDD
—
PCI1_GNT1/CPCI1_HS_LED
D33
O
OVDD
—
PCI1_GNT2/CPCI1_HS_ENUM
E33
O
OVDD
—
PCI1_GNT[3:4]
F31, F33
O
OVDD
—
PCI2_RESET_OUT/GPIO2[0]
W32
I/O
OVDD
—
PCI2_AD[31:0]/PCI1[63:32]
AA33, AA34, AB31, AB32, AB33, AB34,
AC29, AC31, AC33, AC34, AD30, AD32,
AD33, AD34, AE29, AE30, AH32, AH33,
AH34, AM33, AJ31, AJ32, AJ33, AJ34,
AK32, AK33, AK34, AM34, AL33, AL34,
AK31, AH30
I/O
OVDD
—
PCI2_C/BE[3:0]/PCI1_C/BE[7:4]
AC32, AE32, AH31, AL32
I/O
OVDD
—
PCI2_PAR/PCI1_PAR64
AG34
I/O
OVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com