Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349EVVALDB Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC8349EVVALDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349EVVALDB Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8349EVVALDB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8349EVVALDB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8349EVVALDB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8349EVVALDB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8349EVVALDB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8349EVVALDB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8349EVVALDB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8349EVVALDB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8349EVVALDB Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
64
Freescale Semiconductor
Package and Pin Listings
GND
A1, A34, C1, C7, C10, C11, C15, C23,
C25, C28, D1, D8, D20, D30, E7, E13,
E15, E17, E18, E21, E23, E25, E32, F6,
F19, F27, F30, F34, G31, H5, J4, J34, K30,
L5, M2, M5, M30, M33, N3, N5, P30, R5,
R32, T5, T30, U6, U29, U33, V2, V5, V30,
W6, W30, Y30, AA2, AA30, AB2, AB6,
AB30, AC3, AC6, AD31, AE5, AF2, AF5,
AF31, AG30, AG31, AH4, AJ3, AJ19,
AJ22, AK7, AK13, AK14, AK16, AK18,
AK20, AK25, AK28, AL3, AL5, AL10,
AL12, AL22, AL27, AM1, AM6, AM7,
AN12, AN17, AN34, AP1, AP8, AP34
——
—
GVDD
A2, E2, G5, G6, J5, K4, K5, L4, N4, P5, R6,
T6, U5, V1, W5, Y5, AA4, AB3, AC4, AD5,
AF3, AG5, AH2, AH5, AH6, AJ6, AK6,
AK8, AK9, AL6
Power for DDR
DRAM I/O
voltage
(2.5 V)
GVDD
—
LVDD1
C9, D11
Power for three
speed Ethernet
#1 and for
Ethernet
management
interface I/O
(2.5 V, 3.3 V)
LVDD1
—
LVDD2
C6, D9
Power for three
speed Ethernet
#2 I/O (2.5 V,
3.3 V)
LVDD2
—
VDD
E19, E29, F7, F9, F11,F13, F15, F17, F18,
F21, F23, F25, F29, H29, J6, K29, M29,
N6, P29, T29, U30, V6, V29, W29, AB29,
AC5, AD29, AF6, AF29, AH29, AJ8, AJ12,
AJ14, AJ16, AJ18, AJ20, AJ21, AJ23,
AJ25, AJ26, AJ27, AJ28, AJ29, AK10
Power for core
(1.2 V nominal,
1.3 V for
667 MHz)
VDD
—
OVDD
B22, B28, C16, C17, C24, C26, D13, D15,
D19, D29, E31, F28, G33, H30, L29, L32,
N32, P31, R31, U32, W31, Y29, AA29,
AC30, AE31, AF30, AG29, AJ17, AJ30,
AK11, AL15, AL19, AL21, AL29, AL30,
AM20, AM23, AM24, AM26, AM28, AN11,
AN13
PCI, 10/100
Ethernet, and
other standard
(3.3 V)
OVDD
—
MVREF1
M3
I
DDR
reference
voltage
—
Table 55. MPC8349EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com