Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC51215 Datasheet(PDF) 8 Page - ITT Industries

Part # DC51215
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DC51215 Datasheet(HTML) 8 Page - ITT Industries

Back Button DC51215 Datasheet HTML 4Page - ITT Industries DC51215 Datasheet HTML 5Page - ITT Industries DC51215 Datasheet HTML 6Page - ITT Industries DC51215 Datasheet HTML 7Page - ITT Industries DC51215 Datasheet HTML 8Page - ITT Industries DC51215 Datasheet HTML 9Page - ITT Industries DC51215 Datasheet HTML 10Page - ITT Industries DC51215 Datasheet HTML 11Page - ITT Industries DC51215 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
D Cannon D-Subminiature Accessories
6
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Metal Backshell
Metal Backshell 45° Exit
The new Cannon Metal Backshells D*FM series for D-Subminiature Connectors offers protection from
magnetic and radio interferences to cable assemblies.
This backshell series is characterized by simple assembly and fit for Industrial and telecom applications.
PPrroodduucctt FFeeaattuurreess::
• No crimp ferrule tooling needed
• Material: Zinc, blue chromated
• Unique metal filled plastic cable strain relief
guarantees 360° shielding
• RoHS compliant
• -40 - +120°C temperature range
• Corrosion resistant
SSiizzee 1155
SSiizzee 5500
AAtttteennuuaattiioonn ccuurrvvee
DEFME-100
DEFMX-100
Size 9*
37,5mm [1.476inch]
35,5mm [1.398inch]
14,6mm [0.575inch]
4 - 9mm
DAFME-100
DAFMX-100
Size 15**
41,5mm [1.634inch]
39,5mm [1.555inch]
14,6mm [0.575inch]
33,3mm [1.311inch]
4 - 9mm
DBFME-100
DBFMX-100
Size 25**
41,5mm [1.634inch]
53,5mm [2.106inch]
14,5mm [0.571inch]
47,0mm [1.850inch]
4 - 9mm
DCFME-100
DCFMX-100
Size 37**
41,5mm [1.634inch]
70,0mm [2.756inch]
14,5mm [0.571inch]
63,5mm [2.500inch]
4 - 9mm
DDFME-100
DDFMX-100
Size 50***
45,0mm [1.772inch]
67,5mm [2.657inch]
17,4mm [0.69inch]
61,0mm [2.402inch]
13-16mm
Part Description
Part Description
With #4-40 UNC
With M3
Shell
AB
C
D
Cable
Jackscew
Jackscrew
Size
Diameter
*Size 9 Backshell: Kit consists of 1 front shell, 1 rear shell, 4 strain reliefs, 2 mounting crosshead screws, 1 jack screw
**Size 15, 25, 37 Backshell: Kit consists of 1 front shell, 1 rear shell, 4 strain reliefs, 2 mounting crosshead screws, 2 jack screws
***Size 50 Backshell: Kit consists of 1 front shell, 1 rear shell, 1 cable clamp, 4 mounting crosshead screws, 2 jack screws
AAsssseem
mbbllyy iinnssttrruuccttiioonnss SSiizzee 99,, 1155,, 2255,, 3377
Use two halves of strain relief
(different sizes can be mixed)
Strip cable 18mm and shape
cable to two pigtails
Attach the strain relief around
the cable
Bend cable shielding back on
outside of strain relief
Mount connector and cable into
the backshell
Assemble the other half
(screwing force: 100-120 Ncm)
D sub:Layout 1
4/1/09
10:23 AM
Page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com