Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF20NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF20NF06
Description  N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STF20NF06 Datasheet HTML 1Page - STMicroelectronics STF20NF06 Datasheet HTML 2Page - STMicroelectronics STF20NF06 Datasheet HTML 3Page - STMicroelectronics STF20NF06 Datasheet HTML 4Page - STMicroelectronics STF20NF06 Datasheet HTML 5Page - STMicroelectronics STF20NF06 Datasheet HTML 6Page - STMicroelectronics STF20NF06 Datasheet HTML 7Page - STMicroelectronics STF20NF06 Datasheet HTML 8Page - STMicroelectronics STF20NF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2007
Rev 3
1/14
14
STP20NF06
STF20NF06
N-channel 60V - 0.06
Ω - 20A - TO-220/TO-220FP
STripFET™ II Power MOSFET
Features
■ Avalanche rugged technology
■ 100% avalanche tested
■ 175oC operating temperature
■ High dv/dt capability
■ Application oriented characterization
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™” strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Application
■ Switching applications
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP20NF06
60V
<0.07
Ω
20A
STF20NF06
60V
<0.07
Ω
20A(1)
1.
Refer to soa for the max allowable current value on
FP-type due to Rth value
1
2
3
TO-220FP
TO-220
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP20NF06
P20NF06
TO-220
Tube
STF20NF06
F20NF06
TO-220FP
Tube


Similar Part No. - STF20NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF20NF06 STMICROELECTRONICS-STF20NF06 Datasheet
275Kb / 10P
N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
07-Nov-2004
logo
Inchange Semiconductor ...
STF20NF06 ISC-STF20NF06 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF20NF06L STMICROELECTRONICS-STF20NF06L Datasheet
395Kb / 16P
N-channel 60V - 0.06Ω - 20A - D2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
27-Jul-2006
logo
Inchange Semiconductor ...
STF20NF06L ISC-STF20NF06L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF20NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Apr-2002
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Apr-1999
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
07-Nov-2004
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STB20NF06L STMICROELECTRONICS-STB20NF06L Datasheet
395Kb / 16P
N-channel 60V - 0.06Ω - 20A - D2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
27-Jul-2006
STP16NF06 STMICROELECTRONICS-STP16NF06_07 Datasheet
325Kb / 14P
N-channel 60V - 0.08Ω - 16A - TO-220/TO-220FP STripFET™II Power MOSFET
20-Feb-2007
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com