Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9NK65ZFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP9NK65ZFP
Description  N-channel 650 V - 1 - 6.4 A TO-220 / TO-220FP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NK65ZFP Datasheet(HTML) 1 Page - STMicroelectronics

  STP9NK65ZFP Datasheet HTML 1Page - STMicroelectronics STP9NK65ZFP Datasheet HTML 2Page - STMicroelectronics STP9NK65ZFP Datasheet HTML 3Page - STMicroelectronics STP9NK65ZFP Datasheet HTML 4Page - STMicroelectronics STP9NK65ZFP Datasheet HTML 5Page - STMicroelectronics STP9NK65ZFP Datasheet HTML 6Page - STMicroelectronics STP9NK65ZFP Datasheet HTML 7Page - STMicroelectronics STP9NK65ZFP Datasheet HTML 8Page - STMicroelectronics STP9NK65ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2007
Rev 3
1/15
15
STP9NK65Z
STP9NK65ZFP
N-channel 650 V - 1
Ω - 6.4 A TO-220 / TO-220FP
Zener-protected SuperMESH™ Power MOSFET
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatability
Application
■ Switching applications
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage MOSFETs including revolutionary
MDmesh™ products.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STP9NK65ZFP
650 V
< 1.2
Ω
6.4 A
125 W
STP9NK65Z
650 V
< 1.2
Ω
6.4 A
30 W
1
2
3
1
2
3
TO-220
TO-220FP
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STP9NK65ZFP
P9NK65ZFP
TO-220FP
Tube
STP9NK65Z
P9NK65Z
TO-220
Tube
www.st.com


Similar Part No. - STP9NK65ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP9NK65ZFP STMICROELECTRONICS-STP9NK65ZFP Datasheet
158Kb / 7P
N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH™ 줡ower MOSFET
July 2003
More results

Similar Description - STP9NK65ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10NM65N STMICROELECTRONICS-STD10NM65N_08 Datasheet
527Kb / 17P
N-channel 650 V, 0.43 Ω, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
14-Oct-2008
STF12N65M5 STMICROELECTRONICS-STF12N65M5 Datasheet
1Mb / 23P
N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
22-Jun-2011
STP32N65M5 STMICROELECTRONICS-STP32N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.095 廓, 24 A, MDmesh??V Power MOSFET in D짼PAK, I짼PAK, TO-220FP, TO-220, TO-247
06-Oct-2011
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.150 Ω, 17 A MDmesh™V Power MOSFET D²PAK, TO-220FP, TO-220, I²PAK, TO-247
11-May-2011
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
CD00251512 STMICROELECTRONICS-CD00251512 Datasheet
930Kb / 16P
N-channel 525 V, 0.95 ohm, 6 A, DPAK, TO-220FP, TO-220
20-Oct-2010
STF12NK65Z STMICROELECTRONICS-STF12NK65Z Datasheet
777Kb / 12P
N-channel 650 V, 0.57 ohm, 10 A, TO-220FP
01-Oct-2010
STP5NK65ZFP STMICROELECTRONICS-STP5NK65ZFP Datasheet
621Kb / 12P
N-channel 650 V, 1.5 ohm, 4.5 A TO-220FP
16-Apr-2009
STF20NM65N STMICROELECTRONICS-STF20NM65N Datasheet
864Kb / 16P
N-channel 650 V, 0.250 Ω, 15 A TO-220, TO-220FP second generation MDmesh™ Power MOSFET
May 2011 Rev 2
STW16N65M5 STMICROELECTRONICS-STW16N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.230 Ω, 12 A MDmesh™V Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247
13-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com