Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6321 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM6321
Description  5-pin supervisor with watchdog timer and push-button reset
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6321 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM6321 Datasheet HTML 21Page - STMicroelectronics STM6321 Datasheet HTML 22Page - STMicroelectronics STM6321 Datasheet HTML 23Page - STMicroelectronics STM6321 Datasheet HTML 24Page - STMicroelectronics STM6321 Datasheet HTML 25Page - STMicroelectronics STM6321 Datasheet HTML 26Page - STMicroelectronics STM6321 Datasheet HTML 27Page - STMicroelectronics STM6321 Datasheet HTML 28Page - STMicroelectronics STM6321 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Part numbering
STM6321/6322STM6821/6822/6823/6824/6825
26/29
7
Part numbering
Table 9.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
STM6xxx
LWY
6
E
Device type
STM6xxx
Reset threshold voltage
L: VRST = 4.514 to 4.746 V
M: VRST = 4.270 to 4.490 V
T: VRST = 3.000 to 3.150 V
S: VRST = 2.850 to 3.000 V
R: VRST = 2.564 to 2.696 V
Z: VRST = 2.243 to 2.358 V
Y: VRST = 1.950 to 2.050 V
Reset pulse width (1)
1.
Contact local sales office for availability. Other trec and watchdog timings are offered. Minimum order
quantities may apply. Contact local sales office for availability.
A: trec = 1 to 2 ms
Blank: trec = 140 to 280 ms
J: trec = 240 to 480 ms
Package
WY = SOT23-5
Temperature range
6 = –40 to 85°C
Shipping method
E = ECOPACK® package, tubes
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com