Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349CZUALFB Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8349CZUALFB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349CZUALFB Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8349CZUALFB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8349CZUALFB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8349CZUALFB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8349CZUALFB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8349CZUALFB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8349CZUALFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8349CZUALFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8349CZUALFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8349CZUALFB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
2
Freescale Semiconductor
Overview
NOTE
The information in this document is accurate for revision 3.x silicon and
later (in other words, for orderable part numbers ending in A or B). For
information on revision 1.1 silicon and earlier versions, see the MPC8349E
PowerQUICC II Pro Integrated Host Processor Hardware Specifications.
See Section 22.1, “Part Numbers Fully Addressed by This Document,” for
silicon revision level determination.
1
Overview
This section provides a high-level overview of the device features. Figure 1 shows the major functional
units within the MPC8349EA.
Figure 1. MPC8349EA Block Diagram
Major features of the device are as follows:
•
Embedded PowerPC e300 processor core; operates at up to 667 MHz
— High-performance, superscalar processor core
— Floating-point, integer, load/store, system register, and branch processing units
— 32-Kbyte instruction cache, 32-Kbyte data cache
— Lockable portion of L1 cache
— Dynamic power management
— Software-compatible with the other Freescale processor families that implement Power
Architecture technology
TSEC
Coherent System Bus
PCI1
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII
SPI
Serial
IRQs
ROM
I2C
I2C Interfaces
TSEC
DDR/DDR2
Memory Controller
Local Bus Controller
Programmable Interrupt
Controller
DUART
e300 Core
DMA Controller
Serial Peripheral
Interface
32-Kbyte L1
Instruction
Cache
32-Kbyte
L1 Data
Cache
Sequencer
SEQ
64/32b PCI Controller
PCI2
0/32b PCI Controller
Security Engine
Arbiter Bus
Monitor
USB Hi-Speed
Host Device
General Purpose I/O
USB0
USB1
GPIO
SDRAM
DDR/DD
R2
DMA
MII, GMII, TBI,
RTBI, RGMII
10/100/1Gb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com