Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1815T Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM1815T
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM1815T Datasheet HTML 3Page - STMicroelectronics STM1815T Datasheet HTML 4Page - STMicroelectronics STM1815T Datasheet HTML 5Page - STMicroelectronics STM1815T Datasheet HTML 6Page - STMicroelectronics STM1815T Datasheet HTML 7Page - STMicroelectronics STM1815T Datasheet HTML 8Page - STMicroelectronics STM1815T Datasheet HTML 9Page - STMicroelectronics STM1815T Datasheet HTML 10Page - STMicroelectronics STM1815T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
Description
Doc ID11464 Rev 8
7/25
1.1
Functional block diagrams
Figure 4.
Push-pull active-low output (STM1810/1812/1815/1817)
1.
RST for STM1812 and STM1817.
Figure 5.
Open-drain, active-low output (STM1811/1816)
1.
5.5 k
Ω internal pull-up resistor.
Figure 6.
Open-drain, active-low output (bidirectional, manual reset detect,
STM1813/1818)
1.
5.5 k
Ω internal pull-up resistor.
1.2
Pin descriptions
See Figure 1 and Table 2 for a brief overview of the signals connected to this device.
1.2.1
Active-low RST output (push-pull)
Pulses low when VCC drops below VRST, and stays low as long as VCC is below the reset
threshold. It remains low for trec after VCC rises above the reset threshold.
1.2.2
Active-low RST output (open-drain)
Pulses low when VCC drops below VRST, and stays low as long as VCC is below the reset
threshold. It remains low for trec after VCC rises above the reset threshold. RST output has
an internal 5.5 k
Ω pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com