Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-FSMF035X-2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-FSMF035X-2
Description  MF-FSMF Series - PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSMF035X-2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-FSMF035X-2 Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSMF035X-2 Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSMF035X-2 Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSMF035X-2 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■ Compact design to save board space -
0603 footprint
■ Small size results in very fast time to react
to fault events
■ Low profile
■ RoHS compliant* and halogen free**
■ Agency recognition:
Applications
■ USB port protection
■ HDMI 1.4 Source protection
■ PC motherboards - Plug and Play
protection
■ Mobile phones - Battery and port
protection
■ PDAs / digital cameras
MF-FSMF Series - PTC Resettable Fuses
* RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
**Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br ) content is 900 ppm or less;
(b) the Chlorine ( Cl ) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine ( Cl ) content is 1500 ppm or less.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
RMin.
R1Max.
Typ.
MF-FSMF010X
15
40
0.10
0.30
0.900
6.000
0.50
1.00
0.5
MF-FSMF020X
9
40
0.20
0.50
0.550
3.500
1.00
0.60
0.5
MF-FSMF035X
6
40
0.35
0.75
0.200
1.400
8.00
0.10
0.5
MF-FSMF050X
6
40
0.50
1.00
0.100
0.800
8.00
0.10
0.5
Environmental Characteristics
Operating Temperature......................................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State .................................................. 125 °C
Passive Aging ....................................................... +85 °C, 1000 hours..................................... ±5 % typical resistance change
Humidity Aging ..................................................... +85 °C, 85 % R.H. 1000 hours ................... ±5 % typical resistance change
Thermal Shock ..................................................... +85 °C to -40 °C, 20 times ......................... ±10 % typical resistance change
Solvent Resistance............................................... MIL-STD-202, Method 215......................... No change
Vibration ............................................................... MIL-STD-883C, Method 2007.1, ................ No change
Condition A
Test Procedures And Requirements For Model MF-FSMF Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................... Verify dimensions and materials ................. Per MF physical description
Resistance............................................................ In still air @ 23 °C........................................ Rmin
≤ R ≤ R1max
Time to Trip........................................................... At specified current, Vmax, 23 °C .............. T
≤ max. time to trip (seconds)
Hold Current ......................................................... 30 min. at Ihold ........................................... No trip
Trip Cycle Life....................................................... Vmax, Imax, 100 cycles.............................. No arcing or burning
Trip Endurance ..................................................... Vmax, 48 hours........................................... No arcing or burning
Solderability.......................................................... ANSI/J-STD-002 ......................................... 95 % min. coverage
UL File Number .................................................... E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
TÜV Certificate Number ....................................... R 50171531
http://www.tuvdotcom.com/ Follow link to “other certificates”, enter File No. 50171531
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
MF-FSMF010X
0.13
0.12
0.11
0.10
0.08
0.07
0.06
0.05
0.03
MF-FSMF020X
0.27
0.25
0.23
0.20
0.17
0.14
0.12
0.10
0.07
MF-FSMF035X
0.47
0.41
0.38
0.35
0.29
0.26
0.24
0.20
0.14
MF-FSMF050X
0.67
0.59
0.54
0.50
0.41
0.37
0.34
0.29
0.20


Similar Part No. - MF-FSMF035X-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-FSMF035X BOURNS-MF-FSMF035X Datasheet
264Kb / 4P
Compact design to save board space - 0603 footprint
MF-FSMF035X BOURNS-MF-FSMF035X Datasheet
330Kb / 7P
MF-FSMF Series - PTC Resettable Fuses
REV. J, 06/21
MF-FSMF035X BOURNS-MF-FSMF035X Datasheet
794Kb / 3P
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
Mar 31, 2015
More results

Similar Description - MF-FSMF035X-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com