Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDTX-650-R Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # SDTX-650-R
Description  BOURNS OFFERS OVER 35 ASSORTED KITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDTX-650-R Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  SDTX-650-R Datasheet HTML 1Page - Bourns Electronic Solutions SDTX-650-R Datasheet HTML 2Page - Bourns Electronic Solutions SDTX-650-R Datasheet HTML 3Page - Bourns Electronic Solutions SDTX-650-R Datasheet HTML 4Page - Bourns Electronic Solutions SDTX-650-R Datasheet HTML 5Page - Bourns Electronic Solutions SDTX-650-R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Kit
Size
L Range
Values
Quantity
E - Series
Part Number
Per Value
Total
CM453232-LAB1
4.5mm
0.1µH to 1000µH
25
10
250
E6
CM322522-LAB1
3.2mm
0.1µH to 220µH
21
10
210
E6
CM252016-LAB1
2.5mm
10nH to 100µH
25
20
500
E6
CM201212-LAB1
2.0mm
3.9nH to 1.0µH
18
30
540
E6 (except 3.9nH to 10nH: E12)
CM160808-LAB1
1.6mm
1.5nH to 100nH
18
30
540
E12 (except 22nH to 100nH: E6)
C
I160808-LAB1
1.6mm
1.0nH to 220nH
18
20
360
E12/E6
C
I100505-LAB1
1.0mm
1.0nH to 100µH
18
40
540
E12/E6
DESIGN
KITS
Chip Inductors
Europe: Bourns AG, Phone +41-(0)41-768 55 55, Fax +41-(0)41-768 55 10
North America: Bourns, Inc., Phone 909-781-5500, Fax 909-781-5006
Asia-Pacific: Bourns Asia Pacific, Inc., Phone +886- (0)2 25624117, Fax +886- (0)2 2562-4116
www.bourns.com
“Multifuse” and “Trimpot” are registered trademarks of Bourns, Inc.
“Leading by Design” is a trademark of Bourns, Inc.
COPYRIGHT© 1999, BOURNS, INC. LITHO IN U.S.A. LW 3/01 10M/K9018 REV
Kit Contains
Part Numbers
Quantity
70AAJ-6-M0
5
70AAJ-6-F0
5
70AAJ-4-M0
5
70AAJ-4-F0
5
70AAJ-3-M0
5
70AAJ-3-F0
5
70AAJ-2-M0
5
70AAJ-2-F0
5
DESIGN
KIT
Kit No. H-843
Mini-Modular Contacts
Kit Contains
Part Numbers
Quantity
70ADJ-5-ML1
2
70ADJ-5-FL1
2
70ADJ-3-ML0
2
70ADJ-3-FL0
2
70ADH-2-ML0
2
70ADH-2-FL0
2
DESIGN
KIT
Kit No. H-839
Modular Contacts
Lockwashers and hex nuts for all
Kit Contains
Part Numbers
Quantity
3315Y-001-006
5
3315C-001-006
5
3315Y-001-016
5
3375Y-001-006
6
DESIGN
KIT
Kit No. H-832
Miniature Encoders
Kit Contains
Part Numbers
Quantity
3048L-2-103
3
3048L-5-203
3
3046L-1-103
3
3046L-3-203
3
DESIGN
KIT
Kit No. H-848
Linear Motion Potentiometers
Seven Kits Available
- A V AILABLE 4Q 2000 -



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com