Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL67F6S-C Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # QL67F6S-C
Description  LASER DIODE SPECIFICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL67F6S-C Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  QL67F6S-C Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL67F6S-C Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL67F6S-C Datasheet HTML 3Page - Roithner LaserTechnik GmbH QL67F6S-C Datasheet HTML 4Page - Roithner LaserTechnik GmbH QL67F6S-C Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
♦ OVERVIEW
QL67F6S-A/B/C is a MOCVD grown 670 nm band Gain-Guided type InGaAlP laser diode with
quantum well structure. It's an attractive light source, with a typical light output power of 10 mW for
opto-electronic devices such as Bar Code Reader.
♦ APPLICATION
– Optical Leveler
– Laser Module
– Bar Code Reader
♦ FEATURES
– Visible Light Output
:
λp = 670 nm
– Optical Power Output :
10 mW CW
– Package Type
:
TO-18 (5.6mm
φ)
– Built-in Photo Diode for Monitoring Laser Output
♦ ELECTRICAL CONNECTION
A
LD cathode, PD anode (Fig. 1)
B
LD , PD anode (Fig. 2)
C
LD anode, PD cathode (Fig. 3)
Bottom View
Pin Configuration
Fig. 2
QL67F6SB
Fig. 1
QL67F6SA
Fig. 3
QL67F6SC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com