Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR8LM-12LAB00 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR8LM-12LAB00
Description  600V - 8A - Triac
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8LM-12LAB00 Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR8LM-12LAB00 Datasheet HTML 1Page - Renesas Technology Corp BCR8LM-12LAB00 Datasheet HTML 2Page - Renesas Technology Corp BCR8LM-12LAB00 Datasheet HTML 3Page - Renesas Technology Corp BCR8LM-12LAB00 Datasheet HTML 4Page - Renesas Technology Corp BCR8LM-12LAB00 Datasheet HTML 5Page - Renesas Technology Corp BCR8LM-12LAB00 Datasheet HTML 6Page - Renesas Technology Corp BCR8LM-12LAB00 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCR8LM-12LA
Preliminary
R07DS0683EJ0100 Rev.1.00
Page 2 of 6
Feb 25, 2013
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
—
—
2.0
mA
Tj = 125
C, VDRM applied
On-state voltage
VTM
—
—
1.6
V
Tc = 25
C, ITM = 12 A,
instantaneous measurement
Holding current
IH
—
10
—
mA
Tj = 25
C, VD = 12 V, RGT1 =∞ 
VFGT
—
—
1.5
V

VRGT
—
—
1.5
V
Gate trigger voltage
Note2

VRGT
—
—
1.5
V
Tj = 25
C, VD = 6 V, RL = 6 ,
RG = 330 
IFGT
—
—
10
mA

IRGT
—
—
10
mA
Gate trigger current
Note2

IRGT
—
—
10
mA
Tj = 25
C, VD = 6 V, RL = 6 ,
RG = 330 
Gate non-trigger voltage
VGD
0.2
—
—
V
Tj = 125
C, VD = 1/2 VDRM
Thermal resistance
Rth (j-c)
—
—
4.3
C/W
Junction to case
Note3
Notes: 1. Gate open.
2. Measurement using the gate trigger characteristics measurement circuit.
3. The contact thermal resistance Rth (c-f) in case of greasing is 0.5C/W.
4. Make sure that your finished product containing this device meets your safe isolation requirements.
For safety, it is advisable that heatsink is electrically floating.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com