Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPM-7868 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7868
Description  5 x 5 mm Power Amplifier Module Linear Quad-Band GSM/EDGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7868 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7868 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Absolute Maximum Ratings
Description
Min
Typ
Max
Unit
Associated Pins
RF Input Power *
–
15
dBm
RFIn_LB, RFIn_HB
DC Supply Voltage
0
5.5
V
Vbatt, Vcc
Enable Voltage
0
3.3
V
Ven_LB, Ven_HL
Mode Control Voltage
0
3.3
V
Vmode0, Vmod1
Storage Temperature
-55
+125
°C
* under 50
:
Notes:
1. No damage assuming only one parameter is set at limit at a time with all other parameters set at within recommended operating condition.
2. Operation of any single parameter outside these conditions may cause permanent damage or affect device reliability.
Operating Condition
Description
Symbol
Min
Typ.
Max
Unit
DC Supply Voltage
3.0
3.5
4.8
V
Enable Voltage (Ven)
LOW
HIGH
0
1.35
1.8
0.5
2.9
V
V
Mode Control Voltage (Vmode0, Vmode1)
LOW
HIGH
0
1.35
1.8
0.5
2.9
V
V
Case Temperature
-25
+90
°C
Control Logic Table for each Modes of Operation
Power Mode
Ven_LB
Ven_HB
Vmode0
Vmode1
Power Down
Low
Low
X
X
Low Band – High Power Mode (HPM)
High
Low
Low
Low
Low Band – Medium Power Mode (MPM)
High
Low
Low
High
Low Band – Low Power Mode (LPM)
High
Low
High
Low
Low Band – Ultra Low Power Mode (ULPM)
High
Low
High
High
High Band – High Power Mode (HPM)
Low
High
Low
Low
High Band – Low Power Mode (LPM)
Low
High
High
Low
High Band – Ultra Low Power Mode (ULPM)
Low
High
High
High
Recommended Power Levels for each Modes of Operation
Power Mode
GMSK
EDGE
Low Band – High Power Mode
30.5 dBm < Pout ≤ Psat
23 dBm < Pout ≤ 29 dBm
Low Band – Medium Power Mode
16 dBm < Pout ≤ 30.5 dBm
10 dBm < Pout ≤ 23 dBm
Low Band – Low Power Mode
Pout ≤ 16 dBm
Pout ≤ 10 dBm
Low Band – Ultra Low Power Mode
Pout ≤ 16 dBm
–
High Band – High Power Mode
17 dBm < Pout ≤ Psat
16dBm < Pout ≤ 28 dBm
High Band – Low Power Mode
11 dBm < Pout ≤ 17 dBm
Pout ≤ 16 dBm
High Band – Ultra Low Power Mode
Pout ≤ 11 dBm
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com