Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALM-11236 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-11236
Description  Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-11236 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-11236 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-11236 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-11236 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-11236 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-11236 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-11236 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-11236 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-11236 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-11236 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Rating [1] TA = 25° C
Symbol
Parameter
Units
Absolute Max.
Vdd
Device Voltage,
RF output to ground
V
5.5
Pin,max
CW RF Input Power
(Vdd = 5.0 V, Idd = 100 mA)
dBm
+15
Pdiss
Total Power Dissipation [3]
W
0.715
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [2]
(Vdd = 5.0 V, Idd = 100 mA) θjc = 56.2 °C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using Infra-Red
Measurement Technique.
3. Power dissipation with unit turned on. Board
temperature Tc is 25° C. Derate at 17.8 mW/°C
for Tc > 109.8 ° C.
Electrical Specifications [1, 4]
RF performance at TA = 25° C, Vdd = 5 V, 1785 MHz, measured on demo board in Figure 1 with component listed in Table1
for DC bypass.
Symbol
Parameter and Test Condition
Frequency (MHz)
Units
Min.
Typ.
Max.
Idd
Drain Current
mA
81
99
117
Gain
Gain
1710
1785
dB
–
14.5
16
15.9
–
17.5
IRL
Input Return Loss, 50
Ω source
dB
–
30
–
ORL
Output Return Loss, 50
Ω load
dB
–
28
–
NF [2]
Noise Figure
1710
1785
dB
–
–
0.75
0.67
–
0.85
IIP3 [3]
Input Third Order Intercept Point
dBm
14
17.3
–
IP1dB
Input Power at 1 dB Gain Compression
dBm
2.55
3.5
–
Bypass IL
Bypass Insertion Loss, 50
Ω load Vdd = 0 V
1785
dB
–
0.75
1.1
Bypass IRL
Input Return Loss, 50
Ω source Vdd = 0 V
dB
–
19
–
Bypass ORL
Output Return Loss, 50
Ω load Vdd = 0 V
dB
–
23
–
ISOL
Bypass Isolation @LNA ON Vdd = 5 V
dB
–
56
–
Notes:
1. Measurements at 1785 MHz obtained using demo board described in Figure 1.
2. For NF data, board losses of the input have not been de-embedded.
3. IIP3 test condition: FRF1 = 1785 MHz, FRF2 = 1786 MHz with input power of -15 dBm per tone.
4. Use proper bias, heatsink and derating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and application
note for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com