Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6333 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6333
Description  18 ??33 GHz, 0.2 W Driver Amplifier in SMT Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6333 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6333 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer per AMMC-6220 published specifications.
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance may
be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise (Гopt)
matching.
5. All tested parameters guaranteed with measurement accuracy +/- 2dB for P1dB of 17,25 and 32GHz +/- 0.5 for Gain
of 17GHz, +/- 1 dB for Gain of 25 and 32GHz
Table 1. RF Electrical Characteristics
TA=25°C, Vd=3.0V, Id(Q)=230mA, Zin=Zo=50 Ω
17-20GHz
20-30GHz
30-33GHz
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max Unit
Comment
Small Signal Gain, Gain
14
16
19
22
18
20.5
dB
Output Power at 1dBGain Compression,
P1dB
18
20.5
22
24.5
21
24
dBm
Output Power at 3dBGain Compression,
P3dB
21.5
24.5
23.5
dBm
Output Third Order Intercept Point,
OIP3
30
30
30
dBm
Reverse Isolation, Iso
45
45
45
dB
Input Return Loss, Rlin
10
10
8
dB
Output Return Loss, RLout
10
14
10
dB
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (Tchannel (Tc) = 34°C) as measured using infrared microscopy.
Thermal Resistance at backside temperature (Tb) = 25°C calculated from measured data.
Description
Min.
Typical
Max.
Unit
Comments
Drain Supply Current, Id
230
mA
Vd=5 V, Vg set for typical IdQ –
quiescent current
Gate Supply Operating Voltage, Vg
2
V
IdQ = 230 mA
Gate Supply Current, Ig
7
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com