Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC-9217-Q Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # BPC-9217-Q
Description  17 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-9217-Q Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  BPC-9217-Q Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All specifications and photos are subject to change without notice. #201107
www.boser.com.tw
» Aluminum front panel design
» 17" TFT color panel display w/touch screen
» Supports Intel® Core™ Duo processor TDP ≤ 34W
» VGA, DVI, dual Gigabit Ethernet, Audio port
» 1 x 2.5" SATA HDD space
» 4 x COM port, 6 x USB2.0 port
» 180W ATX power supply
» 2 x 4cm ball bearing cooling fan
» Option for Wireless LAN module
» Option for open frame type
LCD
Size: 17"
Max. Resolution: 1280 x 1024 pixels
Brightness: 300 cd/m²
Contrast Ratio: 800:1
Max. Color: 16.7M colors
Pixel Pitch: 0.264 x 0.264 mm
OSD: Provides OSD function
Touch Screen
17" resistive
SBC
HS-1750
CPU
Intel® Core™ Duo processor T2050 1.6GHz (option)
System Chipset
Intel® 945GME/ICH7-M
System Memory
2 x 200-pin SO-DIMM, DDR2 667/533MHz, Max. 4GB
Display Interface:
1 x D-SUB 15-pin
1 x DVI
Audio Interface
Audio jack for MIC In, Line Out, Line In
Ethernet Interface
2 x RJ-45 for Gigabit Ethernet
1 x USB wireless LAN module (option)
Storage
1 x 2.5” SATA HDD space
Watchdog Timer
Software programmable time-out intervals from
1~255 sec. or 1~255 min.
H/W Status Monitor
Monitoring temperatures, voltages, and cooling fan
status
Thermal System
2 x 4cm ball bearing cooling fan
Power
180W ATX power supply
Operating/Storage Temperature
0~50ºC/-20~+70ºC
Certification
FCC/CE Class A compliance
IP65 front panel protection compliance
Dimensions
45.0(L) x 37.0(H) x 9.11(W) cm
Cut Out Size
37.5(L) x 31.3(H) cm
17” Panel PC with Touch Screen, Core™ Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9217-Q
17” Panel PC w/Touch Screen, 4 COM, 6 USB, 180W
ATX P/S
OPC-9217-Q
17” Open Frame Panel PC w/Touch Screen, 4 COM,
6 USB, 180W ATX P/S
Accessory Options
Table Top Metal Stand, CPU, Memory Module,
Wireless LAN Module, 2.5” SATA HDD
BPC-9217-Q
System
I/O Interface
Ordering Information
Features
Dimensions (unit:cm)
Open Frame Type
ON/OFF
KB
2xCOM
DVI
AC IN
CRT
MS
2xUSB
WLAN ANT
2xRJ-45
4xUSB
Audio
2xCOM
10.0
32.23
45.0
36.11
37.11
9.11


Similar Part No. - BPC-9217-Q

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-9217-C BOSER-BPC-9217-C Datasheet
207Kb / 1P
17 Panel PC with Touch Screen, P-M/C-M, 6 COM, 6 USB, 180W ATX P/S
BPC-9217-F BOSER-BPC-9217-F Datasheet
574Kb / 1P
17 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9217-O BOSER-BPC-9217-O Datasheet
211Kb / 1P
17 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9217-Z BOSER-BPC-9217-Z Datasheet
578Kb / 1P
17 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 4 USB, 180W ATX P/S
More results

Similar Description - BPC-9217-Q

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-9215-Q BOSER-BPC-9215-Q Datasheet
248Kb / 1P
15 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9217-C BOSER-BPC-9217-C Datasheet
207Kb / 1P
17 Panel PC with Touch Screen, P-M/C-M, 6 COM, 6 USB, 180W ATX P/S
BPC-9217-F BOSER-BPC-9217-F Datasheet
574Kb / 1P
17 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9217-O BOSER-BPC-9217-O Datasheet
211Kb / 1P
17 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9217-Z BOSER-BPC-9217-Z Datasheet
578Kb / 1P
17 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 4 USB, 180W ATX P/S
BPC-9219-O BOSER-BPC-9219-O Datasheet
587Kb / 1P
19 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9219-Q BOSER-BPC-9219-Q Datasheet
588Kb / 1P
19 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9219-Z BOSER-BPC-9219-Z Datasheet
215Kb / 1P
19 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 4 USB, 180W ATX P/S
BPC-9315-O BOSER-BPC-9315-O Datasheet
240Kb / 1P
15 High Brightness Panel PC with Touch Screen, Core 2 Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9315-Q BOSER-BPC-9315-Q Datasheet
241Kb / 1P
15 High Brightness Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com