Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6426CS15 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ML6426CS15
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6426CS15 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ML6426CS15 Datasheet HTML 1Page - Fairchild Semiconductor ML6426CS15 Datasheet HTML 2Page - Fairchild Semiconductor ML6426CS15 Datasheet HTML 3Page - Fairchild Semiconductor ML6426CS15 Datasheet HTML 4Page - Fairchild Semiconductor ML6426CS15 Datasheet HTML 5Page - Fairchild Semiconductor ML6426CS15 Datasheet HTML 6Page - Fairchild Semiconductor ML6426CS15 Datasheet HTML 7Page - Fairchild Semiconductor ML6426CS15 Datasheet HTML 8Page - Fairchild Semiconductor ML6426CS15 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DATA SHEET
ML6426
REV. 3A August 2004
3
Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum
ratings are stress ratings only and functional device operation is not implied.
Operating Conditions
Parameter
Min.
Max.
Unit
VCC
–0.3
7
V
Junction Temperature
150
°C
ESD
>2000
V
Analog and Digital I/O
GND – 0.3
VCC + 0.3
V
Storage Temperature Range
–65
150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
Thermal Resistance (
θJA)
100
°C/W
Parameter
Min.
Max.
Unit
Temperature Range
0
70
°C
VCC Range
4.5
5.5
V
Electrical Characteristics
Unless otherwise specified, VCC = 5V±10%, TA = Operating Temperature Range (Note 1)
Symbol
Parameter
Conditions
Min
Typ Max
Units
General
ICC
Supply Current
No Load (VCC = 5.5V)
52
80
mA
AV
Low Frequency Gain (R, G, B)
VIN = 100mVP-P at 100KHz
5.34
6.0
6.65
dB
VOUT
Output Level during Sync (R, G, B,)
Output Capability
DURING SYNC
0.7
0.9
1.2
V
RL = 150
Ω, AC-coupled@1MHz
2
VP-P
tCLAMP
Clamp Response Time
Settled to Within 10mV,
CIN = 0.1µF
10
ms
VI
Input Signal Dynamic Range (R, G, B,) AC Coupled
1.4
VP-P
OS
Peak Overshoot (R, G, B,)
2VP-P Output Pulse
4.3
%
CL
Output Load Capacitance (R, G, B,)
All Outputs
35
pF
Output Load Drive Capability, per Pin
(YUV or RGB Outputs)
One Load is 150
Ω
2
loads
dG
Differential Gain (R, G, B,)
All Outputs at fC/2
0.4
%
d
φ
Differential Phase (R, G, B,)
All Outputs at fC/2
0.4
°
THD
Output Distortion (R, G, B,)
VOUT = 2VP-P at 1 MHz
0.8
%
PSRR
PSRR (R, G, B,)
0.5VP-P (100kHz) at VCC
35
dB
ISC
Output Short Circuit Current (R, G, B,)
Note 2
120
mA
VIH
Input Voltage Logic High
DISABLE, SYNC IN
2.5
V
VIL
Input Voltage Logic Low
DISABLE, SYNC IN
1.0
V
TMUX
Input Mux
Data Valid
Time
A/B Mux
Pin Valid
High or Low
2µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com