Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD808-2-TO3 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LD808-2-TO3
Description  Output Power: 2.0w(CW) Variety of stripe width Efficient quantum well structure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LD808-2-TO3 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LD808-2-TO3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LD808-2-TO3 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03.08.2010
ld808_2_to3.doc
1 of 2
(mA)
(mA)


Similar Part No. - LD808-2-TO3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD808-5-TO3 ROITHNER-LD808-5-TO3 Datasheet
244Kb / 2P
Output power5.0w(CW) Variety of stripe width Efficient quantum well structure
More results

Similar Description - LD808-2-TO3

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6724MG HITACHI-HL6724MG Datasheet
24Kb / 5P
The HL6724MG is a 0.67 um band AlGaInP laser diode with a multi-quantum well (MQW) structure
logo
List of Unclassifed Man...
LFO-14-I ETC1-LFO-14-I Datasheet
106Kb / 2P
CW output power > 0.8 mW
LFO-65-D ETC2-LFO-65-D Datasheet
54Kb / 1P
CW output power > 1.0mW
logo
Roithner LaserTechnik G...
LD808-5-TO3 ROITHNER-LD808-5-TO3 Datasheet
244Kb / 2P
Output power5.0w(CW) Variety of stripe width Efficient quantum well structure
LDM-0808-300M-91 ROITHNER-LDM-0808-300M-91 Datasheet
186Kb / 3P
CW Output Power: 300mW Typical 808 nm Emission Wavelength High-deeiciency Quantum Well Structure TO5 Package
LDM-0808-1000-93 ROITHNER-LDM-0808-1000-93 Datasheet
184Kb / 3P
CW Output Power: 1 W Typical 808 nm Emission Wavelength High-efficiency Quantum Well Structure TO5 Package
LDM-0980-300M-92 ROITHNER-LDM-0980-300M-92 Datasheet
179Kb / 3P
CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package
logo
California Eastern Labs
NX5530SA CEL-NX5530SA Datasheet
184Kb / 5P
1 550 nm Multiple Quantum Well (MQW) structured
logo
Hamamatsu Corporation
L9277 HAMAMATSU-L9277_15 Datasheet
161Kb / 2P
Lateral multimode (broad stripe) CW Laser Diode
logo
PHOENIX CONTACT
2202096 PHOENIX-2202096 Datasheet
52Kb / 2P
Variety of connection technologies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com