Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3M Datasheet(PDF) 1 Page - Amphenol Corporation

Part # AX3M
Description  AX SERIES XLR CABLE CONNECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AX3M Datasheet(HTML) 1 Page - Amphenol Corporation

  AX3M Datasheet HTML 1Page - Amphenol Corporation AX3M Datasheet HTML 2Page - Amphenol Corporation AX3M Datasheet HTML 3Page - Amphenol Corporation AX3M Datasheet HTML 4Page - Amphenol Corporation AX3M Datasheet HTML 5Page - Amphenol Corporation AX3M Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ENTERTAINMENT INTERCONNECT CATALOGUE - Amphenol Australia Pty Ltd Telephone 61 3 8796 8888 Fax 61 3 8796 8801
www.amphenolaudio.com
3
AX SERIES XLR CABLE CONNECTORS
AX SERIES
XLR CABLE
CONNECTORS
Options
• Coloured I.D sleeves.
• Clear I.D Sleeve for connector marking.
• Satin nickel or Black shell finish.
• Single or Bulk packaging.
• Gold plated contacts.
Ordering Codes
We have listed the more common ordering
codes in each section. For further options
please refer to the part number breakdown
charts. Please contact us if you need any
further assistance.
The revolutionary AX series of XLR
connectors introduce an exciting
contemporary look and feel to the
professional audio interconnect market.
They are designed to complement modern
audio architecture and truly “fit” within their
environment. An impressive list of features
guarantees pure sound performance in the
most demanding applications providing
unrivalled value.
Features
• Unique Australian designed shell
and housing.
• One piece ground / latch spring design
incorporating twin wipe contacts for a
direct connection path from mating shell to
ground providing enhanced connection and
EMI performance.
• Ergonomic sleeve design for improved grip.
• Channel I.D capability with coloured or
clear sleeves.
• Oversized ergonomic latch for quick and
easy mating.
• Leading first mate last break pin 1 on
socket connectors.
• Chuck style cable clamp to suit 3mm - 8mm
(0.118” - 0.314”) cable O.D. with integrated
split to allow inclusion after soldering.
• Concealed latching point for improved
aesthetics, sealing and strength.
• Overmolded boot with flex bend relief for
improved aesthetics, cable protection and
boot retention.
• Concentric socket contact design provides
optimal contact resistance
• Precision machined pin contacts as standard.
• Compact 2.5mm2 (14AWG) solder buckets to
reduce termination time and material wastage
during the soldering process.
• Zinc diecast shell housing for robustness and
wear with Satin nickel or Black finish.
Simple steps to guide you in
using this catalogue
1) Identify the product group listed in
Contents on Page 1 and go directly to that
page number.
2) Each product group cover page then
details information and options available.
3) Refer to the product detail pages and identify
the product you require pictorially.
4) Read the product description column for the
products standard features.
5) Use variations column to determine
your choice.
6) Identify part number.
7) In the event the particular option you require
is not listed please refer to the part number
breakdown page at the end of each section.
8) Please contact us directly if you have any
further problems.


Similar Part No. - AX3M

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AX3M0M AMPHENOL-AX3M0M Datasheet
126Kb / 1P
AX SERIES CABLE CONNECTOR MARKING SLEEVE
27/07/17
AX3M1M AMPHENOL-AX3M1M Datasheet
126Kb / 1P
AX SERIES CABLE CONNECTOR MARKING SLEEVE
27/07/17
AX3M2M AMPHENOL-AX3M2M Datasheet
126Kb / 1P
AX SERIES CABLE CONNECTOR MARKING SLEEVE
27/07/17
AX3M3M AMPHENOL-AX3M3M Datasheet
126Kb / 1P
AX SERIES CABLE CONNECTOR MARKING SLEEVE
27/07/17
AX3M4M AMPHENOL-AX3M4M Datasheet
126Kb / 1P
AX SERIES CABLE CONNECTOR MARKING SLEEVE
27/07/17
More results

Similar Description - AX3M

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-73 FUJI-EDSX5-73 Datasheet
165Kb / 8P
FCX ??AX SERIES PRESSURE TRANSMITTER
EDSX6-102 FUJI-EDSX6-102 Datasheet
163Kb / 8P
FCX ??AX SERIES FLOW TRANSMITTER
EDSX7-57 FUJI-EDSX7-57 Datasheet
166Kb / 10P
FCX ??AX SERIES LEVEL TRANSMITTER
logo
Amphenol Corporation
AC3FAH-AU-B AMPHENOL-AC3FAH-AU-B Datasheet
2Mb / 16P
AC SERIES - A AND B TYPE XLR PCB CHASSIS CONNECTORS
logo
List of Unclassifed Man...
RT3FC-B ETC2-RT3FC-B Datasheet
1Mb / 24P
TINY xlr Cable Connectors
42PSW03-EA-42 ETC2-42PSW03-EA-42 Datasheet
184Kb / 3P
Access Server AX
NC3MXX ETC2-NC3MXX Datasheet
3Mb / 29P
XLR Connectors
logo
PHOENIX CONTACT
2985945 PHOENIX-2985945 Datasheet
84Kb / 3P
AX OPC SERVER
2988900 PHOENIX-2988900 Datasheet
47Kb / 2P
Software - AX SALES
logo
Lapp.
21700538 LAPP-21700538 Datasheet
139Kb / 1P
ED-CAN-AX
17.09.2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com