Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC000013 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # SC000013
Description  MotionGrade M23 and M40 Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SC000013 Datasheet(HTML) 2 Page - Amphenol Corporation

  SC000013 Datasheet HTML 1Page - Amphenol Corporation SC000013 Datasheet HTML 2Page - Amphenol Corporation SC000013 Datasheet HTML 3Page - Amphenol Corporation SC000013 Datasheet HTML 4Page - Amphenol Corporation SC000013 Datasheet HTML 5Page - Amphenol Corporation SC000013 Datasheet HTML 6Page - Amphenol Corporation SC000013 Datasheet HTML 7Page - Amphenol Corporation SC000013 Datasheet HTML 8Page - Amphenol Corporation SC000013 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1
Amphenol Sine Systems
MotionGrade™ M23 and M40 Connectors
Amphenol Sine Systems MotionGrade™ M23 and M40 Connector Systems are designed to excel in
performance and reliability in our customers’ most demanding environments. Our innovations and
experience as an industry leader in connector technology and total interconnect solutions allow us to
offer such features as our FlexGrip™ Backshell System and RockSolid™ Contacts. These and other features
combined with a simplistic design approach reduce initial procurement and assembly cost, while ensuring
compatibility to all other existing standard layouts. Amphenol’s MotionGrade™ M23 and M40 products
are ideally suited for advanced servo drive encoder feedback applications, packaging, robotic, printing,
machine tool, medical and automation environments where control signal transmission or power are
required in a robust and compact delivery system.
TECHNICAL DATA
M23 A Series
M23 B SERIES
M40 C SERIES
TEMPERATURE RANGE
-20°C to +130°C
-20°C to +130°C
-20°C to +130°C
PROTECTION
IP 67
(Plugged condition)
IP 67
(Plugged condition)
IP 67
(Plugged condition)
DATA ACCORDING TO UL 840
M23 A Series
M23 B SERIES
M40 C SERIES
DEGREE OF PROTECTION
3
3
3
OVER VOLTAGE CATEGORY
III
III
III
MATERIALS
M23 A Series
M23 B SERIES
M40 C SERIES
HOUSING BODY
Zinc Die-cast
Zinc Die-cast
Zinc Die-cast
COUPLING NUT
Brass, Nickel-plated
Brass, Nickel-plated
Brass, Nickel-plated
INSULATION INSERTS
PA66, UL 94 / V0
PA66, UL 94 / V0
PA66 / PBT, UL 94 / V0
CONTACTS
Brass, Gold-plated
Brass, Gold-plated
Brass, Gold-plated
SEALS
DuPont Viton®
DuPont Viton®
DuPont Viton®
ELECTRICAL DATA
M23 A Series
12 CONTACT CONNECTOR
M23 B SERIES
POWER CONTACTS
M40 C SERIES
POWER CONTACTS
MAX. CURRENT (MAX. WIRE GAUGE)
Max. 10A
Max. 28A (6 contacts)
Max. 30A (8 & 9 contacts)
Max. 75A
MAXIMUM VOLTAGE
160V AC/DC
630V AC/DC
630V AC/DC
CONTACT RESISTENCE
< 5 mΩ
< 3 mΩ
< 1 mΩ
TEST VOLTAGE (BETWEEN CONTACTS)
2500V
6000V
6000V
MINIMUM MATING CYCLES
> 50
> 50
> 50
M23 A Series
17 CONTACT CONNECTOR
M23 B SERIES
SIGNAL CONTACTS (8-, 9 CONTACTS)
M40 C SERIES
SIGNAL CONTACTS
MAX. CURRENT (MAX. WIRE GAUGE)
Max. 9A
Max. 10A
Max. 30A
TEST VOLTAGE (BETWEEN CONTACTS)
2500V
2500V
4000V
MAXIMUM VOLTAGE
125V AC/DC
250V AC/DC
250V AC/DC
CONTACT RESISTENCE
< 5 mΩ
< 5 mΩ
< 3 mΩ
MINIMUM MATING CYCLES
> 50
> 50
> 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com