Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVT-54689 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AVT-54689
Description  50 ??6000 MHz InGaP HBT Gain Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AVT-54689 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AVT-54689 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AVT-54689 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AVT-54689 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AVT-54689 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AVT-54689 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AVT-54689 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AVT-54689 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AVT-54689 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AVT-54689 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Rating (1) TA= 25° C
Symbol
Parameter
Units
Absolute Max.
Vd, MAX
Device Voltage
V
5.5
PIN, MAX
CW RF Input Power
dBm
18
PDISS
Total Power Dissipation (2)
mW
465
TOPT
Operating Temperature
°C
-40 to 85
TJ, MAX
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance (3)
θjc = 114° C/W
(Id = 57 mA, Tb= 94° C)
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Ground lead temperature is 25° C. Derate 8.8
mW/° C for Tc>117° C.
3. Thermal resistance measured using Infrared
measurement technique.
Electrical Specification
Symbol
Parameter and Test Condition
Frequency
Units
Min.
Typ.
Max.
Id
Device Current
mA
51.5
57.7
64.5
Gp
Power Gain
900 MHz
dB
20.5
2000 MHz
16.3
17.8
19.3
f3dB
3 dB Bandwidth
GHz
2.5
OIP3[5]
Output 3rd Intercept Point
900 MHz
dBm
32.3
2000 MHz
28
29.9
S11
Input Return Loss, 50
Ω source
900 MHz
dB
-22.4
2000 MHz
-14.8
S22
Output Return Loss, 50
Ω load
900MHz
dB
-13.8
2000 MHz
-10.8
S12
Reverse Isolation
900 MHz
dB
-23.4
2000 MHz
-23.8
P1dB
Output Power at 1dB Gain Compression
900 MHz
dBm
19.4
2000 MHz
17.2
NF
Noise Figure
900 MHz
dB
3.8
2000 MHz
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com