Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVRM0603C6R8N Datasheet(PDF) 3 Page - TDK Electronics

Part # AVRM0603C6R8N
Description  Chip Varistors Countermeasure for surge voltage and static electricity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVRM0603C6R8N Datasheet(HTML) 3 Page - TDK Electronics

  AVRM0603C6R8N Datasheet HTML 1Page - TDK Electronics AVRM0603C6R8N Datasheet HTML 2Page - TDK Electronics AVRM0603C6R8N Datasheet HTML 3Page - TDK Electronics AVRM0603C6R8N Datasheet HTML 4Page - TDK Electronics AVRM0603C6R8N Datasheet HTML 5Page - TDK Electronics AVRM0603C6R8N Datasheet HTML 6Page - TDK Electronics AVRM0603C6R8N Datasheet HTML 7Page - TDK Electronics AVRM0603C6R8N Datasheet HTML 8Page - TDK Electronics AVRM0603C6R8N Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(2/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
FEATURES
• No polarity, due to symmetrical current-voltage characteristics.
Equivalent to anode common type Zener diode.
• Excellent electrostatic absorption capability.
Response is as good or better than Zener diode.
Keeps symmetrical current-voltage characteristics even after
electrostatic absorption.
• Adopted the inner electrodes lamination structure.
Wide range of varistor voltages are available in series (6.8 to
39V).
Low capacitance items are available in series (1.1pF to).
World’s smallest 0603-, 1005-, 1608-, 2012-chip types and
1410-array type are available in series.
• Excellent mount reliability. Good for Pb-free soldering.
Adopted (Ni/Sn) electroplating.
Achieved good solderability and solder heat resistance.
• Can replace a Zener diode + capacitor combination.
Reduced footprint and total mounting cost.
APPLICATIONS
• Electrostatic absorption
• Pulse noise absorption
TEMPERATURE RANGES
APPLICATION EXAMPLES
INTERNAL STRUCTURE
CIRCUITS
SINGLE TYPE
ARRAY TYPE
OPERATIONAL VOLTAGE RANGES
RECOMMENDED REFLOW SOLDERING CONDITIONS
Type
AVR-M1005/1608/2012
AVR-M14A2/0603/AVRL
Operating
–40 to +125°C
–40 to +85°C
Storage
–40 to +125°C
–40 to +85°C
Consumer product
Application
Mobile phone
Digital video camera
Digital camera
PDA
Note PC
DVD-ROM, CD-ROM
CD/MD/MP3 player
Game machine
Data terminal
LCD panel
Touch panel
Button and switch unit
Battery terminal
Audio-Video input-output terminal
Microphone/receiver unit
Controller unit
In-car equipment
CAN-BUS
ECU
Connector
Air conditioner panel
Car audio
Car navigation
Varistor body
(Zinc Oxide: ZnO semiconductor ceramics)
Inner electrode
(Palladium)
Sn plating
Ni plating
Ag termination
underlayer
7.5
28
16
19
Circuit voltage(V)
5
0
10152025
30
0603 type
1005 type
1608 type
2012 type
1410 type
28
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
60s max.
220˚C
250˚C
260˚C max.
180˚C
150˚C
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com