Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100A18-3SW Datasheet(PDF) 28 Page - Amphenol Corporation

Part # CS3100A18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100A18-3SW Datasheet(HTML) 28 Page - Amphenol Corporation

Back Button CS3100A18-3SW Datasheet HTML 24Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 25Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 26Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 27Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 28Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 29Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 30Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 31Page - Amphenol Corporation CS3100A18-3SW Datasheet HTML 32Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
27
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
16-10
16-11
16-12
16-13
18-1
18-3
Service Rating
AAAA
B, C, F, G = A; Bal. = Inst.
D
Number of Contacts
3
2
1
2*
10
2
Contact Size
12
12
4
12
16
12
Insert Arrangement
18-4
18-5
18-6
18-7
18-8
18-9
Service Rating
D
D
D
B
A
Inst.
Number of Contacts
4
21
1
1
17
25
Contact Size
16
12
16
4
8
12
16
12
16
Insert Arrangement
18-10
18-11
18-12
18-13
18-14
18-15
Service Rating
AAA
A
A
A
Number of Contacts
4
5
6
1
3
1
1
4**
Contact Size
12
12
16
8
12
4
16
12
Insert Arrangement
18-16
18-17
18-19
18-20
18-22
18-24
Service Rating
C
Inst.
A
A
D
B, C, F, G = A; Bal. = Inst.
Number of Contacts
1
2
5
10
5
3
10
Contact Size
12
12
16
16
16
16
16
CONTACT LEGEND
16
12
8
4
0
* A = Iron; B = Constantan
** A, C = Iron; B, D = Constantan
100
° Rotation
of 18-9
250° Rotation
of 18-1
A
B
C
A
B
C
D
B
C
A
A
B
A
B
A
B
C
D
E
F
G
H
I
J
A
B
A
B
C
D
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
A
B
C
D
A
B
C
D
E
A
B
C
D
E
F
A
B
A
B
C
D
A
B
C
D
EF
G
H
K
J
AB
C
D
E
AB
G
100˚
A
B
C
D
E
F
G
250˚
A
B
C
D
E
F
G
H
I
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com