Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100E18-3SW Datasheet(PDF) 27 Page - Amphenol Corporation

Part # CS3100E18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100E18-3SW Datasheet(HTML) 27 Page - Amphenol Corporation

Back Button CS3100E18-3SW Datasheet HTML 23Page - Amphenol Corporation CS3100E18-3SW Datasheet HTML 24Page - Amphenol Corporation CS3100E18-3SW Datasheet HTML 25Page - Amphenol Corporation CS3100E18-3SW Datasheet HTML 26Page - Amphenol Corporation CS3100E18-3SW Datasheet HTML 27Page - Amphenol Corporation CS3100E18-3SW Datasheet HTML 28Page - Amphenol Corporation CS3100E18-3SW Datasheet HTML 29Page - Amphenol Corporation CS3100E18-3SW Datasheet HTML 30Page - Amphenol Corporation CS3100E18-3SW Datasheet HTML 31Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
26
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
8S-1
10S-2
10SL-3
10SL-4
12S-3
12S-4
12-5
Service Rating
A
A
AAADD
Number of Contacts
1
1
32211
Contact Size
16
16
16
16
16
16
12
Insert Arrangement
14S-1
14S-2
14S-4
14S-5
14S-6
14S-7
14S-9
Service Rating
A
Inst.
D
Inst.
Inst.
A
A
Number of Contacts
3
41
56
32
Contact Size
16
16
16
16
16
16
16
Insert Arrangement
14S-10
14S-12
14-3
16S-1
16S-3
16S-4
Service Rating
Inst.
AAAB
D
Number of Contacts
4
3171
2
Contact Size
16
16
8
16
16
16
Insert Arrangement
16S-5
16S-6
16S-8
16-2
16-7
16-9
Service Rating
AA
A
E
AA
Number of Contacts
3
3
5
1
1
2
2
2
Contact Size
16
16
16
12
8
16
12
16
CONTACT LEGEND
16
12
8
4
0
Front of
Socket Insert
Front of
Socket Insert
100
° Rotation
of 14S-2
100
° Rotation
of 14S-7
A
B
C
A
B
BA
A
B
C
D
A
B
C
D
E
F
A
B
C
D
E
A
B
C
A
B
100˚
A
B
C
D
100˚
A
B
C
A
B
C
D
E
F
G
A
B
A
B
C
A
B
C
A
B
C
D
E
A
B
C
A
B
C
D
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com