Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3101E18-3SW Datasheet(PDF) 39 Page - Amphenol Corporation

Part # CS3101E18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101E18-3SW Datasheet(HTML) 39 Page - Amphenol Corporation

Back Button CS3101E18-3SW Datasheet HTML 35Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 36Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 37Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 38Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 39Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 40Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 41Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 42Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 43Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
38
A
B
C
D
E
F
H
J
K
L
M
N
Special
contact arrangements
Requirements
for
more
complex circuits
prompted
Amphenol to provide inserts not covered by the MS draw-
ings. Illustrated here and on the following pages are
insert layouts which have from one contact (high tension)
to the 104 contact insert in shell size 44.
Many of these special inserts are also available in alter-
nate keyway arrangements. Please contact Amphenol,
Sidney, NY for additional information on special circuit
application requirements.
front face of pin insert or rear face of socket insert illustrated
Insert Arrangement
14S-A7
16-59
20-26
20-51
20-57
20-58
Service Rating
A
A
A
A
A
A
Number of Contacts
7
4
19
3*
7*
5
5
Contact Size
16
12
16
8
12 for #14 or 16 wire
12
16
Insert Arrangement
20-59
20-66
20-79
22-63
22-65
22-70
Service Rating
A
A
H = D; Bal. = A
A
H = D; Bal. = A
A
Number of Contacts
3*
1
5
7*
1*
4
8
8*
8
5
Contact Size
8 for #10 or 12 wire
16
12 for #10 wire
16
12 for #16 wire
12
16
12 for #14 or 16 wire
12
16
Insert Arrangement
22-80
24-19
24-51
24-52
24-53
24-58
Service Rating
A
A
A
Hi-Volt
A
A
Number of Contacts
3*
12
5*
1
5*
3
3
7
Contact Size
8 for #10 or 12 wire
16
B, E for AN #10 or 12 wire
12
8
8
12 16
A, C, D for AN #8 wire
* Solderless
CONTACT LEGEND
16
12
8
4
0
A
F
E
D
C
B
G
A
B
C
A
B
C
D
E
F
H
J
K
L
A
B
C
D
EG
F
A
B
C
A
B
C
D
E
F
A
B
C
D
E
F
G
H
A
B
C
E
F
H
J
K
L
M
N
D
A
B
C
D
E
F
H
J
K
L
M
N
P
A
B
C
A
B
C
D
E
A
B
C
D
E
A
B
C
D
E
F
H
J
K
L
M
N
P
A
B
C
D
E
F
G
H
AB
CD
A
B
C
D
E
F
G
H
S
R
J
T
V
P
K
L
M
U
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com