Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 17 Page - TDK Electronics

Part # C2012
Description  Multilayer Ceramic Chip Capacitors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 17 Page - TDK Electronics

Back Button C2012 Datasheet HTML 13Page - TDK Electronics C2012 Datasheet HTML 14Page - TDK Electronics C2012 Datasheet HTML 15Page - TDK Electronics C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
(16/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: X6S(±22%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
10nF
1005
0.50±0.05
±10%
C1005X6S1H103K(050BB)
±20%
C1005X6S1H103M(050BB)
15nF
1005
0.50±0.05
±10%
C1005X6S1H153K(050BB)
±20%
C1005X6S1H153M(050BB)
22nF
1005
0.50±0.05
±10%
C1005X6S1H223K(050BB)
±20%
C1005X6S1H223M(050BB)
33nF
1005
0.50±0.05
±10%
C1005X6S1H333K(050BB)
±20%
C1005X6S1H333M(050BB)
47nF
1005
0.50±0.05
±10%
C1005X6S1H473K(050BB)
±20%
C1005X6S1H473M(050BB)
68nF
1005
0.50±0.05
±10%
C1005X6S1H683K(050BB)
C1005X6S1V683K(050BB)
C1005X6S1E683K(050BB)
±20%
C1005X6S1H683M(050BB) C1005X6S1V683M(050BB) C1005X6S1E683M(050BB)
100nF
1005
0.50±0.05
±10%
C1005X6S1H104K(050BB)
C1005X6S1V104K(050BB)
C1005X6S1E104K(050BB)
±20%
C1005X6S1H104M(050BB) C1005X6S1V104M(050BB) C1005X6S1E104M(050BB)
150nF
1005
0.50±0.05
±10%
C1005X6S1E154K(050BC)
C1005X6S1C154K(050BB)
±20%
C1005X6S1E154M(050BC) C1005X6S1C154M(050BB)
1608
0.80±0.10
±10%
C1608X6S1H154K(080AB)
C1608X6S1V154K(080AB)
±20%
C1608X6S1H154M(080AB) C1608X6S1V154M(080AB)
220nF
1005
0.50±0.05
±10%
C1005X6S1E224K(050BC)
C1005X6S1C224K(050BB)
±20%
C1005X6S1E224M(050BC) C1005X6S1C224M(050BB)
1608
0.80±0.10
±10%
C1608X6S1H224K(080AB)
C1608X6S1V224K(080AB)
±20%
C1608X6S1H224M(080AB) C1608X6S1V224M(080AB)
330nF
1608
0.80±0.10
±10%
C1608X6S1H334K(080AB)
C1608X6S1V334K(080AB)
C1608X6S1E334K(080AB)
±20%
C1608X6S1H334M(080AB) C1608X6S1V334M(080AB) C1608X6S1E334M(080AB)
470nF
1005
0.50±0.05
±10%
C1005X6S1C474K(050BC)
±20%
C1005X6S1C474M(050BC)
1608
0.80±0.10
±10%
C1608X6S1H474K(080AB)
C1608X6S1V474K(080AB)
C1608X6S1E474K(080AB)
±20%
C1608X6S1H474M(080AB) C1608X6S1V474M(080AB) C1608X6S1E474M(080AB)
2012
1.25±0.10
±10%
C2012X6S1H474K(125AB)
±20%
C2012X6S1H474M(125AB)
680nF
1608
0.80±0.10
±10%
C1608X6S1H684K(080AC)
C1608X6S1V684K(080AB)
C1608X6S1E684K(080AB)
C1608X6S1C684K(080AB)
±20%
C1608X6S1H684M(080AC) C1608X6S1V684M(080AB) C1608X6S1E684M(080AB) C1608X6S1C684M(080AB)
2012
1.25±0.10
±10%
C2012X6S1H684K(125AB)
±20%
C2012X6S1H684M(125AB)
1µF
1608
0.80±0.10
±10%
C1608X6S1H105K(080AC)
C1608X6S1V105K(080AB)
C1608X6S1E105K(080AB)
C1608X6S1C105K(080AC)
±20%
C1608X6S1H105M(080AC) C1608X6S1V105M(080AB) C1608X6S1E105M(080AB) C1608X6S1C105M(080AC)
2012
0.85±0.10
±10%
C2012X6S1H105K(085AB)
C2012X6S1V105K(085AB)
C2012X6S1E105K(085AB)
±20%
C2012X6S1H105M(085AB) C2012X6S1V105M(085AB) C2012X6S1E105M(085AB)
1.25±0.10
±10%
C2012X6S1H105K(125AB)
±20%
C2012X6S1H105M(125AB)
1.5µF
1608
0.80±0.10
±10%
C1608X6S1C155K(080AC)
±20%
C1608X6S1C155M(080AC)
2012
1.25±0.10
±10%
C2012X6S1H155K(125AB)
C2012X6S1V155K(125AB)
±20%
C2012X6S1H155M(125AB) C2012X6S1V155M(125AB)
3216
1.60±0.10
±10%
C3216X6S1H155K(160AB)
±20%
C3216X6S1H155M(160AB)
2.2µF
1608
0.80±0.10
±10%
C1608X6S1C225K(080AC)
±20%
C1608X6S1C225M(080AC)
2012
0.85±0.10
±10%
C2012X6S1H225K(085AC)
C2012X6S1V225K(085AB)
C2012X6S1E225K(085AB)
C2012X6S1C225K(085AB)
±20%
C2012X6S1H225M(085AC) C2012X6S1V225M(085AB) C2012X6S1E225M(085AB) C2012X6S1C225M(085AB)
1.25±0.20
±10%
C2012X6S1H225K(125AB)
C2012X6S1V225K(125AB)
C2012X6S1E225K(125AB)
±20%
C2012X6S1H225M(125AB) C2012X6S1V225M(125AB) C2012X6S1E225M(125AB)
3216
1.60±0.20
±10%
C3216X6S1H225K(160AB)
±20%
C3216X6S1H225M(160AB)
3.3µF
2012
1.25±0.10
±10%
C2012X6S1C335K(125AB)
±20%
C2012X6S1C335M(125AB)
1.25±0.20
±10%
C2012X6S1H335K(125AC)
C2012X6S1V335K(125AB)
C2012X6S1E335K(125AB)
±20%
C2012X6S1H335M(125AC) C2012X6S1V335M(125AB) C2012X6S1E335M(125AB)
3216
1.60±0.10
±10%
C3216X6S1H335K(160AB)
C3216X6S1V335K(160AB)
±20%
C3216X6S1H335M(160AB) C3216X6S1V335M(160AB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com