Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 32 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 32 Page - TDK Electronics

Back Button C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics C2012 Datasheet HTML 32Page - TDK Electronics C2012 Datasheet HTML 33Page - TDK Electronics C2012 Datasheet HTML 34Page - TDK Electronics C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: CH (-25 to +85ºC, 0 ± 60 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
470 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H471K050BA
± 5%
C1005CH1H471J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H471K080AA
± 5%
C1608CH1H471J080AA
560 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H561K050BA
± 5%
C1005CH1H561J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H561K080AA
± 5%
C1608CH1H561J080AA
680 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H681K050BA
± 5%
C1005CH1H681J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H681K080AA
± 5%
C1608CH1H681J080AA
820 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H821K050BA
± 5%
C1005CH1H821J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H821K080AA
± 5%
C1608CH1H821J080AA
1 nF
1005
0.50 ± 0.05
± 10%
C1005CH1H102K050BA
± 5%
C1005CH1H102J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H102K080AA
± 5%
C1608CH1H102J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H102K060AA
± 5%
C2012CH1H102J060AA
1.2 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H122K080AA
± 5%
C1608CH1H122J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H122K060AA
± 5%
C2012CH1H122J060AA
1.5 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H152K080AA
± 5%
C1608CH1H152J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H152K060AA
± 5%
C2012CH1H152J060AA
1.8 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H182K080AA
± 5%
C1608CH1H182J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H182K060AA
± 5%
C2012CH1H182J060AA
2.2 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H222K080AA
± 5%
C1608CH1H222J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H222K060AA
± 5%
C2012CH1H222J060AA
0.85 ± 0.15
± 5%
C2012CH1H222J085AA
2.7 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H272K080AA
± 5%
C1608CH1H272J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H272K060AA
± 5%
C2012CH1H272J060AA
3.3 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H332K080AA
± 5%
C1608CH1H332J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H332K060AA
± 5%
C2012CH1H332J060AA
1.25 ± 0.20
± 5%
C2012CH1H332J125AA
3.9 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H392K080AA
± 5%
C1608CH1H392J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H392K060AA
± 5%
C2012CH1H392J060AA
3216
0.60 ± 0.15
± 10%
C3216CH1H392K060AA
± 5%
C3216CH1H392J060AA
4.7 nF
1608
0.80 ± 0.10
± 10%
C1608CH1H472K080AA
± 5%
C1608CH1H472J080AA
2012
0.60 ± 0.15
± 10%
C2012CH1H472K060AA
± 5%
C2012CH1H472J060AA
3216
0.60 ± 0.15
± 10%
C3216CH1H472K060AA
± 5%
C3216CH1H472J060AA
Page 31
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com