Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 49 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 49 Page - TDK Electronics

Back Button C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X6S (-55 to +105ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
470 pF
0402
0.20 ± 0.02
± 10%
C0402X6S1A471K020BC
C0402X6S0J471K020BC
C0402X6S0G471K020BC
± 20%
C0402X6S1A471M020BC
C0402X6S0J471M020BC
C0402X6S0G471M020BC
680 pF
0402
0.20 ± 0.02
± 10%
C0402X6S1A681K020BC
C0402X6S0J681K020BC
C0402X6S0G681K020BC
± 20%
C0402X6S1A681M020BC
C0402X6S0J681M020BC
C0402X6S0G681M020BC
2.2 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1A222K030BA
C0603X6S0J222K030BA
± 20%
C0603X6S1A222M030BA
C0603X6S0J222M030BA
4.7 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1A472K030BA
C0603X6S0J472K030BA
± 20%
C0603X6S1A472M030BA
C0603X6S0J472M030BA
10 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1A103K030BA
C0603X6S0J103K030BA
± 20%
C0603X6S1A103M030BA
C0603X6S0J103M030BA
22 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1A223K030BB
C0603X6S0G223K030BC
± 20%
C0603X6S1A223M030BB
C0603X6S0G223M030BC
47 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1A473K030BB
C0603X6S0G473K030BC
± 20%
C0603X6S1A473M030BB
C0603X6S0G473M030BC
68 nF
0603
0.30 ± 0.03
± 10%
C0603X6S0G683K030BC
± 20%
C0603X6S0G683M030BC
100 nF
0603
0.30 ± 0.03
± 10%
C0603X6S0J104K030BC
C0603X6S0G104K030BC
± 20%
C0603X6S0J104M030BC
C0603X6S0G104M030BC
1005
0.50 ± 0.05
± 10%
C1005X6S0J104K050BA
C1005X6S0G104K050BA
± 20%
C1005X6S0J104M050BA
C1005X6S0G104M050BA
150 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1A154K030BC
C0603X6S0J154K030BC
C0603X6S0G154K030BB
± 20%
C0603X6S1A154M030BC
C0603X6S0J154M030BC
C0603X6S0G154M030BB
1005
0.50 ± 0.05
± 10%
C1005X6S0J154K050BC
C1005X6S0G154K050BB
± 20%
C1005X6S0J154M050BC
C1005X6S0G154M050BB
220 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1A224K030BC
C0603X6S0J224K030BC
C0603X6S0G224K030BB
± 20%
C0603X6S1A224M030BC
C0603X6S0J224M030BC
C0603X6S0G224M030BB
1005
0.50 ± 0.05
± 10%
C1005X6S0J224K050BC
C1005X6S0G224K050BB
± 20%
C1005X6S0J224M050BC
C1005X6S0G224M050BB
330 nF
0603
0.30 ± 0.03
± 10%
C0603X6S0G334K030BC
± 20%
C0603X6S0G334M030BC
1005
0.50 ± 0.05
± 10%
C1005X6S1A334K050BC
C1005X6S0J334K050BC
C1005X6S0G334K050BB
± 20%
C1005X6S1A334M050BC
C1005X6S0J334M050BC
C1005X6S0G334M050BB
470 nF
0603
0.30 ± 0.03
± 20%
C0603X6S0G474M030BC
1005
0.50 ± 0.05
± 10%
C1005X6S1A474K050BC
C1005X6S0J474K050BC
C1005X6S0G474K050BB
± 20%
C1005X6S1A474M050BC
C1005X6S0J474M050BC
C1005X6S0G474M050BB
680 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1A684K050BC
C1005X6S0J684K050BC
C1005X6S0G684K050BB
± 20%
C1005X6S1A684M050BC
C1005X6S0J684M050BC
C1005X6S0G684M050BB
1 F
1005
0.50 ± 0.05
± 10%
C1005X6S1A105K050BC
C1005X6S0J105K050BC
C1005X6S0G105K050BB
± 20%
C1005X6S1A105M050BC
C1005X6S0J105M050BC
C1005X6S0G105M050BB
1608
0.80 +0.15/-0.10
± 10%
C1608X6S1A105K080AC
C1608X6S0J105K080AC
± 20%
C1608X6S1A105M080AC
C1608X6S0J105M080AC
1.5 F
1005
0.50 ± 0.05
± 10%
C1005X6S0J155K050BC
C1005X6S0G155K050BC
± 20%
C1005X6S0J155M050BC
C1005X6S0G155M050BC
0.50 ± 0.10
± 10%
C1005X6S1A155K050BC
± 20%
C1005X6S1A155M050BC
1608
0.80 ± 0.10
± 10%
C1608X6S1A155K080AB
± 20%
C1608X6S1A155M080AB
C1608X6S0J155M080AB
0.80 ± 0.20
± 10%
C1608X6S0J155K080AB
2.2 F
1005
0.50 ± 0.05
± 10%
C1005X6S1A225K050BC
C1005X6S0J225K050BC
C1005X6S0G225K050BC
± 20%
C1005X6S1A225M050BC
C1005X6S0J225M050BC
C1005X6S0G225M050BC
1608
0.80 ± 0.10
± 10%
C1608X6S1A225K080AB
C1608X6S0J225K080AB
± 20%
C1608X6S1A225M080AB
C1608X6S0J225M080AB
3.3 F
1005
0.50 ± 0.10
± 10%
C1005X6S0G335K050BC
± 20%
C1005X6S0G335M050BC
1608
0.80 ± 0.10
± 10%
C1608X6S1A335K080AC
C1608X6S0J335K080AB
± 20%
C1608X6S1A335M080AC
C1608X6S0J335M080AB
4.7 F
1005
0.50 +0.15/-0.10
± 20%
C1005X6S0G475M050BC
1608
0.80 ± 0.10
± 10%
C1608X6S1A475K080AC
C1608X6S0J475K080AB
± 20%
C1608X6S1A475M080AC
C1608X6S0J475M080AB
2012
0.85 ± 0.15
± 10%
C2012X6S1A475K085AB
± 20%
C2012X6S1A475M085AB
1.25 ± 0.20
± 10%
C2012X6S0J475K125AB
± 20%
C2012X6S0J475M125AB
Page 48
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com