Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 29 Page - TDK Electronics

Part # C2012
Description  Multilayer Ceramic Chip Capacitors General use
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 29 Page - TDK Electronics

Back Button C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
(28/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: JB(±10%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
3.3µF
1005
0.50±0.10
±20%
C1005JB0J335M(050BC)
C1005JB0G335M(050BB)
1608
0.80+0.15/–0.10
±10%
C1608JB0J335K(080AB)
±20%
C1608JB0J335M(080AB)
0.80±0.10
±10%
C1608JB1A335K(080AB)
±20%
C1608JB1A335M(080AB)
4.7µF
1005
0.50+0.15/–0.10
±20%
C1005JB0J475M(050BC)
C1005JB0G475M(050BB)
1608
0.80±0.10
±10%
C1608JB1A475K(080AB)
C1608JB0J475K(080AB)
±20%
C1608JB1A475M(080AB)
C1608JB0J475M(080AB)
2012
0.60±0.10
±10%
C2012JB1A475K(060AB)
±20%
C2012JB1A475M(060AB)
1.25±0.10
±10%
C2012JB1A475K(125AA)
±20%
C2012JB1A475M(125AA)
6.8µF
1608
0.80±0.10
±10%
C1608JB1A685K(080AC)
C1608JB0J685K(080AB)
±20%
C1608JB1A685M(080AC)
C1608JB0J685M(080AB)
2012
0.60±0.10
±10%
C2012JB1A685K(060AC)
±20%
C2012JB1A685M(060AC)
1.25±0.10
±10%
C2012JB1A685K(125AC)
±20%
C2012JB1A685M(125AC)
10µF
1608
0.80±0.10
±10%
C1608JB1A106K(080AC)
C1608JB0J106K(080AB)
±20%
C1608JB1A106M(080AC)
C1608JB0J106M(080AB)
2012
0.85±0.10
±10%
C2012JB1A106K(085AB)
±20%
C2012JB1A106M(085AB)
1.25±0.20
±10%
C2012JB1A106K(125AC)
±20%
C2012JB1A106M(125AC)
15µF
2012
0.85±0.10
±20%
C2012JB1A156M(085AC)
1.25±0.10
±20%
C2012JB1A156M(125AB)
22µF
2012
0.85±0.10
±20%
C2012JB1A226M(085AC)
C2012JB0J226M(085AB)
1.25±0.10
±20%
C2012JB1A226M(125AB)
C2012JB0J226M(125AB)
3216
1.60±0.20
±20%
C3216JB1A226M(160AC)
33µF
2012
1.25±0.20
±20%
C2012JB0J336M(125AC)
3216
1.60±0.20
±20%
C3216JB1A336M(160AB)
47µF
2012
1.25±0.20
±20%
C2012JB0J476M(125AC)
3216
1.60±0.20
±20%
C3216JB1A476M(160AB)
C3216JB0J476M(160AC)
68µF
3216
1.60±0.20
±20%
C3216JB1A686M(160AC)
C3216JB0J686M(160AB)
3225
2.00±0.20
±20%
C3225JB0J686M(200AC)
100µF
3216
1.60+0.30/–0.10
±20%
C3216JB1A107M(160AC)
C3216JB0J107M(160AB)
3225
2.50±0.30
±20%
C3225JB0J107M(250AC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com