Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1045 Datasheet(PDF) 1 Page - Formosa MS

Part # SL1045
Description  10.0A SUPER BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL1045 Datasheet(HTML) 1 Page - Formosa MS

  SL1045 Datasheet HTML 1Page - Formosa MS SL1045 Datasheet HTML 2Page - Formosa MS SL1045 Datasheet HTML 3Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Case:TO-277 Molded Plastic "Green" Molding Compound
mmended pad layout .
2. FR-4 PCB, 2oz. Copper, minimum reco
(Note 3)
Typical Thermal Resistance Junction to Ambient
73
-65 to +150
°C
Operating Temperature Range
Storage Temperature Range
-65 to +150
°C
30000
W
°C)
Repetitive Peak Avalanche Power(1us,25
Excellent High Temperature Stability
At Rated DC Blocking Voltage
Peak Reverse Current
45
V
32
V
Forward Voltage Drop
= 10A,
= 10A,
= 8A , Tj = 25°C
@I
Characteristic
Symbol
SL1045
Unit
Weight: 0.093 grams (approx.)
Lead Free: For RoHS/Lead Free Version
High Thermal Reliability
Ultra Low Power Loss, High Efficiency
High Foward Surge Capability
Maximum Junction Temperture 200ºC
Bypass Diodes for Solar Panels
10.0A SUPER BARRIER RECTIFIER
SL1045
Features
!
!
!
!
Mechanical Data
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
(Note 1)
@TL = 90°C
IO
10.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
@TL = 75°C
IFSM
275
A
F
VFM
0.42
0.47
V
IRM
0.3
15
mA
TSTG
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
!
Patented Super Barrier Rectifier Technology
!
!
!
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
@IF
@IF
Tj = 25°C
Tj = 125°C
0.41
= 45V,
= 45V,
= 45V , Tj = 25°C
R
@VR
R
Tj = 100°C
Tj = 150°C
75
@V
@V
PARM
j
@
VR ≤ 80% VRRM
VR ≤ 50% VRRM
DC Forward Mode
@
T
≤180
≤200
°C/W
(Note 2)
31
RθJA
3. Polymide PCB, 2oz. Copper. Cathode pad dimensions 18.8mm x 14.4mm. Anode pad dimensions 5.6mm x 14.4mm.
Formosa MS
Page 1
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222645
2008/02/10
2010/03/10
B
3


Similar Part No. - SL1045

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL1045 FORMOSA-SL1045 Datasheet
830Kb / 3P
10.0A SUPER BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SL1045 CHENDA-SL1045 Datasheet
3Mb / 2P
10 0A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SL1045 DYELEC-SL1045 Datasheet
2Mb / 2P
10 0A Surface Mount Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
SL1045 ZSELEC-SL1045 Datasheet
271Kb / 3P
10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Guangdong Juxing Electr...
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
More results

Similar Description - SL1045

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U200P5 DIODES-SBR10U200P5 Datasheet
81Kb / 3P
10.0A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31234 Rev. 4 - 2
logo
Formosa MS
SB1045L FORMOSA-SB1045L Datasheet
555Kb / 2P
10.0A SUPER BARRIER RECTIFIER
SL1045 FORMOSA-SL1045_13 Datasheet
830Kb / 3P
10.0A SUPER BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SB1045L CHENDA-SB1045L Datasheet
1Mb / 2P
10.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SL1045L DGNJDZ-SL1045L Datasheet
141Kb / 3P
10.0A SUPER BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MURB1010CT ZSELEC-MURB1010CT Datasheet
232Kb / 2P
10.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SB2045L ZSELEC-SB2045L Datasheet
277Kb / 3P
10.0A SUPER BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
10U45 YIXIN-10U45 Datasheet
260Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SDB1045L ZSELEC-SDB1045L Datasheet
199Kb / 2P
10.0A SUPER BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SB1045L LEIDITECH-SB1045L Datasheet
1Mb / 2P
10.0A Schottky BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com