Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

245801034002829 Datasheet(PDF) 1 Page - AVX Corporation

Part # 245801034002829
Description  0.4mm Pitch Series 5801
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

245801034002829 Datasheet(HTML) 1 Page - AVX Corporation

  245801034002829 Datasheet HTML 1Page - AVX Corporation 245801034002829 Datasheet HTML 2Page - AVX Corporation 245801034002829 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series
5801
0.4mmPitch
SERIES 5801
5801
PHS
AV
0.4mm
0.8mm
5.0mm
Outline
Series 5801 is a 0.4mm pitch Board to Board connector to meet the market requirement for downsizing and thinner tendency in
cellular phones, PHS, and Digital AV apparatus. 0.8mm in stacki ng height and 5.0mm in width including tails are realized.
(1)
S
H=0.8
(2)
(3)
(4)
FINE-LOCK
(5)
GROUND
POWER
(6)
Features
(1) KEC-unique S-shaped spring is adopted for the spring structure, which realizes the lowest profile of 0.8mm in this field.
(2) Because no part of pins were exposed owing to the bottom wall of the connector in spite of its slim and low profile, a pattern
can be laid between lands of tail rows, which enables less limited pattern layouts on boards.
(3) The pinching structure, highly resistant to vibration and drop shock, is adopted in contacts and the original structure exclud-
ing splashed flux or foreign matters attached is adopted on contacting points in order to obtain high contacting reliability.
(4) "Fine locking mechanism" adopted for mating structure realizes the nice clicking response and firm retention force against
unmating despite of the ultra low profile.
(5) The metal tab reinforces the locking strength and is utilized for electrical connection such as "Ground", "Power" line or so.
(6) A checker connector to be mated with a connector is also available to check electrical continuity or short circuit of the connector.
Recommended plating types are mentioned in this catalogue.
For other plating types and their specifications, and available num-
bers of positions, please feel free to contact our sales depart ment.
5801
0.8mm
0.4mm
10
80
AC/DC 0.3A
AC/DC 50V
AC 250Vrms/min.
Copper alloy
Heat resistance plastic
40
85
Series
Stacking Height
Pitch
No. of Positions
Rated Current)
Rated Voltage
D.W.Voltage
Contact Material)
Insulator Material)
Operating Temperature)


Similar Part No. - 245801034002829

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
245805040000829 AVX-245805040000829 Datasheet
151Kb / 2P
0.4 mmPitch
logo
Weidmuller
2458080000 WEIDMULLER-2458080000 Datasheet
444Kb / 6P
BLZP 5.08HC/05/180F AU OR BX
More results

Similar Description - 245801034002829

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-ZL1M2RY EVERLIGHT-BHC-ZL1M2RY Datasheet
152Kb / 10P
chip LED(0.4mm Height)
19-217-GHC-YR1S2 EVERLIGHT-19-217-GHC-YR1S2 Datasheet
159Kb / 10P
Chip LED(0.4mm Height)
26-5-2006
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Panasonic Semiconductor
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
Narrow pitch connectors (0.4mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
TF13 HIROSE-TF13 Datasheet
597Kb / 6P
0.4mm PITCH Back-Flip Type
logo
Japan Aviation Electron...
WA6 JAE-WA6 Datasheet
336Kb / 5P
0.4mm pitch Board to Board connector
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
0.4mm pitch/ Board-to-board connectors
logo
I-PEX Inc.
20374-R30E-31 I-PEX-20374-R30E-31 Datasheet
228Kb / 2P
0.4mm Pitch Right Angle Stacking Type
2016/06R11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com