Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC151MTCX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC151MTCX
Description  8-Channel Digital Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC151MTCX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC151MTCX Datasheet HTML 1Page - Fairchild Semiconductor MM74HC151MTCX Datasheet HTML 2Page - Fairchild Semiconductor MM74HC151MTCX Datasheet HTML 3Page - Fairchild Semiconductor MM74HC151MTCX Datasheet HTML 4Page - Fairchild Semiconductor MM74HC151MTCX Datasheet HTML 5Page - Fairchild Semiconductor MM74HC151MTCX Datasheet HTML 6Page - Fairchild Semiconductor MM74HC151MTCX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC
2f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation Delay
26
35
ns
A, B or C to Y
tPHL, tPLH
Maximum Propagation Delay
27
35
ns
A, B or C to W
tPHL, tPLH
Maximum Propagation Delay
22
29
ns
Any D to Y
tPHL, tPLH
Maximum Propagation Delay
24
32
ns
any D to W
tPHL, tPLH
Maximum Propagation Delay
17
23
ns
Strobe to Y
tPHL, tPLH
Maximum Propagation Delay
16
21
ns
Strobe to W
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH
Maximum Propagation Delay
2.0V
90
205
256
300
ns
A, B or C to Y
4.5V
31
41
51
60
ns
6.0V
26
35
44
51
ns
tPHL, tPLH
Maximum Propagation Delay
2.0V
95
205
256
300
ns
A, B or C to W
4.5V
32
41
51
60
ns
6.0V
27
35
44
51
ns
tPHL, tPLH
Maximum Propagation Delay
2.0V
70
195
244
283
ns
any D to Y
4.5V
27
39
49
57
ns
6.0V
23
33
41
48
ns
tPHL, tPLH
Maximum Propagation Delay
2.0V
75
185
231
268
ns
any D to W
4.5V
29
37
46
54
ns
6.0V
25
32
40
46
ns
tPHL, tPLH
Maximum Propagation Delay
2.0V
50
140
175
203
ns
Strobe to Y
4.5V
21
28
35
41
ns
6.0V
18
24
30
35
ns
tPHL, tPLH
Maximum Propagation Delay
2.0V
45
127
159
185
ns
Strobe to W
4.5V
20
25
32
37
ns
6.0V
17
22
28
32
ns
tTLH, tTHL
Maximum Output Rise
2.0V
30
75
95
110
ns
and Fall Time
4.5V
8
15
19
22
ns
6.0V
7
13
16
19
ns
CPD
Power Dissipation
(per package)
110
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com