Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-22003 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-22003
Description  2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-22003 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-22003 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-22003 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-22003 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-22003 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-22003 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-22003 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-22003 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-22003 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-22003 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
ELECTRICAL SPECIFICATIONS
Absolute Minimum and Maximum Ratings
Table 1. Minimum and Maximum Ratings
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Supply Voltage
VCC1 VCC2
3.3
5.5
V
Bias Supply
BSPLY
3.3
4.2
V
Bias Control
BCTRL
2.8
4.2
V
Bias ON/OFF
BSW
1.8
4.2
V
Mode Control
PAMODE
1.8
4.2
V
RF Input Power
RFIN
15
dBm
Using 16QAM 3/4
MSL
MSL3
Channel Temperature
150
°C
Storage Temperature
-65
150
°C
ESD
Human Body Model
800
V
Man Machine Model
50
V
Table 2. Operating Range
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Supply Voltage
VCC1
VCC2
3
3.3
5
V
Bias Supply
BSPLY
3
3.3
3.5
V
13
mA
Bias Control
BCTRL
2.75
2.8
2.85
V
.7
uA
Bias ON/OFF
BSW
1.65
1.8
2.2
V
725
uA
Mode Control
PAMODE
1.65
1.8
2.2
V
17
25
uA
RF Output Power
RFOUT
25
dBm
Using 16QAM 3/4
Frequency Range
2.3
2.7
GHz
Thermal Resistance,
ch-b
23.4
°C/W
Channel to board
Case Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com