Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA673 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA673
Description  Silicon PNP Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA673 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA673 Datasheet HTML 1Page - Renesas Technology Corp 2SA673 Datasheet HTML 2Page - Renesas Technology Corp 2SA673 Datasheet HTML 3Page - Renesas Technology Corp 2SA673 Datasheet HTML 4Page - Renesas Technology Corp 2SA673 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA673, 2SA673A
Preliminary
R07DS0429EJ0300 Rev.3.00
Page 3 of 4
Jun 07, 2011
Main Characteristics
0
200
400
600
50
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
100
150
0
–20
–40
–60
–80
–100
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics (1)
–8
–6
–4
–2
–10
IB = 0
–0.1 mA
–0.2
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–0.3
0
–100
–200
–300
–400
–500
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics (2)
–8
–6
–4
–2
–10
IB = 0
–1 mA
–2
–3
–4
–5
–6
–7
PC = 400 mW
0
–0.3
–1.0
–3
–10
–30
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
–1.0
–0.8
–0.6
–0.2
–0.4
VCE = –3 V
0
50
100
150
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
–200
–10 –20
–50 –100
–2
–5
–500
VCE = –3 V
75
50
25
0
Ta =
–25
°C
0
40
80
120
160
200
240
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
–200
–100
–10
–20
–50
–5
–500
VCE = –3 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com