Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1306NETL-H Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD1306NETL-H
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1306NETL-H Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1306NETL-H Datasheet HTML 1Page - Renesas Technology Corp 2SD1306NETL-H Datasheet HTML 2Page - Renesas Technology Corp 2SD1306NETL-H Datasheet HTML 3Page - Renesas Technology Corp 2SD1306NETL-H Datasheet HTML 4Page - Renesas Technology Corp 2SD1306NETL-H Datasheet HTML 5Page - Renesas Technology Corp 2SD1306NETL-H Datasheet HTML 6Page - Renesas Technology Corp 2SD1306NETL-H Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SD1306
Preliminary
R07DS0280EJ0300 Rev.3.00
Page 3 of 5
Mar 28, 2011
Main Characteristics
0
50
100
150
50
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
100
150
28
610
4
Collector to Emitter Voltage VCE (V)
0
10
8
6
4
2
Typical Output Characteristics
15.0
12.5
10.0
7.5
5.0
IB = 2.5 μA
0.2
0.8
0.6
1.0
0.4
Collector to Emitter Voltage VCE (V)
0
100
80
60
40
20
Typical Output Characteristics
160
140
120
100
80
60
40
IB = 20
μA
1.0
0.20.40.60.8
Base to Emitter Voltage VBE (V)
0
10
6
4
2
8
Typical Transfer Characteristics
VCE = 1 V
1000
100
10
300
30
3
Collector current IC (mA)
1
1,000
300
100
30
10
3
1
DC Current Transfer Ratio vs.
Collector Current
VCE = 1 V
Pulse
3
10
1,000
300
100
130
Collector Current IC (mA)
1,000
300
100
30
10
3
1
Saturation Voltage vs. Collector Current
VBE(sat)
IC/IB = 10
Pulse
VCE(sat)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com