Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-30689 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-30689
Description  40MHz - 3000MHz Flat Gain High Linearity Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-30689 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-30689 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-30689 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-30689 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-30689 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-30689 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-30689 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-30689 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-30689 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-30689 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
80
120
110
100
90
LSL
USL
LSL
USL
13.5
14
14.5
15
15.5
16
16.5
LSL
37
38
39
40
41
42
43
44
45
LSL
21.2
21.6
22
22.4
22.8
23.2
2.8
4
3.8
3.6
3.4
3.2
3
USL
Absolute Maximum Rating [2] TA=25°C
Symbol
Parameter
Units
Absolute Max.
Vdd,max
Device Voltage, RF output to ground
V
5.5
Pin,max
CW RF Input Power
dBm
20
Pdiss
Total Power Dissipation [4]
W
0.75
Tj, max
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [3]
θjc = 53.5°C/W
(Vdd = 5V, Ids = 100mA, Tc = 85°C)
Notes:
2. Operation of this device in excess
of any of these limits may cause
permanent damage.
3. Thermal resistance measured using
Infrared measurement technique.
4. This is limited by maximum Vdd and
Ids. Derate 18.7 mW/°C for Tc>110°C.
Product Consistency Distribution Charts[5, 6]
Figure 1. Ids, LSL=80mA , nominal=104mA, USL=125mA
Figure 2. Gain, LSL=13.7dB, nominal=14.6dB, USL=16.7dB
Figure 3. OIP3, LSL=37.5dBm, nominal=41.5dBm
Figure 4. P1dB, LSL=21.2dBm, nominal=22.5dBm
Figure 5. NF, nominal=3.23dB, USL=4dB
Notes:
5. Distribution data sample size is 500 samples taken from 3 different
wafer lots and 6 different wafers. Future wafers allocated to this
product may have nominal values anywhere between the upper and
lower limits.
6. Measurements were made on a characterization test board, which
represents a trade-off between optimal OIP3, gain and P1dB. Circuit
trace losses have not been de-embedded from measurements
above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com