Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXCELSA35 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EXCELSA35
Description  EMI Bead Cores
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXCELSA35 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EXCELSA35 Datasheet HTML 1Page - Panasonic Semiconductor EXCELSA35 Datasheet HTML 2Page - Panasonic Semiconductor EXCELSA35 Datasheet HTML 3Page - Panasonic Semiconductor EXCELSA35 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMI Bead Cores
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Noise Filter
1
Product Code
Type
Size
2
3
4
5
6
7
8
9
10
Suffix for
Packaging
EMI bead core
Code
24
35
39
25
27
Dimension (mm)
f2.8 4.8
f3.8 5.3
f3.8 9.3
7.7 5.3 2.45
7.7 7.8 2.45
Code
Nil
C
S
T
V
B
E
Standard Axial Bulk Packing
Radial Formed Type
Radial Formed Type
26 mm Axial Taped & Box,
16 mm Radial Taped & Box
52 mm Axial Taped & Box,
19 mm RadialTaped & Box
Cut & Formed (10 mm pitch)
Cut & Formed (15 mm pitch)
Code
S
D
Quantity
1
2
Code
A
R
V
Type
Axial
Radial
5 mm pitch
Radial
5 mm pitch
Packing
Number of
Beads
Type
EMI Bead Cores
Type:
EXCEL
■ Features
● For reduction of high-frequency noise
● Low cost noise filter
● Axial and radial taped types are available for automatic
insertion machines
● RoHS compliant
■ Explanation of Part Numbers
■ Recommended Applications
● Digital equipment such as PCs, word processors,
printers, HDD, PPC, and communication equipment.
● Digital audio and video equipment.
● AC adapters, and switching power supplies.
● Electronic musical instruments, and other digital
equipment.
■ Packaing Methods
Part Number
Mass (Weight) [mg/pc.]
Standard Quantity
EXCELSA24
185
2000 pcs.
EXCELSA24B
145
2000 pcs.
EXCELSA24T
182
2000 pcs.
EXCELSA24V
238
2000 pcs.
EXCELSA35
378
1000 pcs.
EXCELSA35B
291
2000 pcs.
EXCELSA35T
323
1000 pcs.
EXCELSA35V
379
1000 pcs.
EXCELSA39
536
1000 pcs.
EXCELSA39E
457
2000 pcs.
EXCELSA39V
539
1000 pcs.
EXCELSR35S
317
2000 pcs.
EXCELSR35T
356
1000 pcs.
EXCELSV35S
307
2000 pcs.
EXCELSV35V
360
1000 pcs.
EXCELDR25C
428
2000 pcs.
EXCELDR25V
488
2000 pcs.
EXCELDR27C
637
2000 pcs.
EXCELDR27V
670
2000 pcs.
EXCELDR35C
546
2000 pcs.
EXCELDR35V
614
1000 pcs.
Nov. 2012
01
Discontinued


Similar Part No. - EXCELSA35

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXCELSA35 PANASONIC-EXCELSA35 Datasheet
288Kb / 5P
EMI Bead Cores
EXCELSA35B PANASONIC-EXCELSA35B Datasheet
288Kb / 5P
EMI Bead Cores
EXCELSA35T PANASONIC-EXCELSA35T Datasheet
288Kb / 5P
EMI Bead Cores
EXCELSA35T PANASONIC-EXCELSA35T Datasheet
6Mb / 67P
Service Manual
2014
EXCELSA35V PANASONIC-EXCELSA35V Datasheet
288Kb / 5P
EMI Bead Cores
More results

Similar Description - EXCELSA35

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXCCL4532U1 PANASONIC-EXCCL4532U1 Datasheet
293Kb / 8P
Chip Bead Cores
EXCELSA24 PANASONIC-EXCELSA24 Datasheet
288Kb / 5P
EMI Bead Cores
EXC-ELDR35V PANASONIC-EXC-ELDR35V Datasheet
122Kb / 5P
EMI Bead Cores
EXC-3BP600H PANASONIC-EXC-3BP600H Datasheet
134Kb / 7P
Chip Bead Cores
EXC-3BP121H PANASONIC-EXC-3BP121H Datasheet
134Kb / 7P
Chip Bead Cores
logo
Kemet Corporation
B-20 KEMET-B-20 Datasheet
535Kb / 6P
B-20 Series Bead Cores
logo
Fair-Rite Products Corp...
2631023002 FAIR-RITE-2631023002 Datasheet
613Kb / 2P
Round Cable EMI Suppression Cores
2631101902 FAIR-RITE-2631101902 Datasheet
618Kb / 2P
Round Cable EMI Suppression Cores
2631103002 FAIR-RITE-2631103002 Datasheet
617Kb / 2P
Round Cable EMI Suppression Cores
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com