Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B62152 Datasheet(PDF) 3 Page - EPCOS

Part # B62152
Description  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B62152 Datasheet(HTML) 3 Page - EPCOS

  B62152 Datasheet HTML 1Page - EPCOS B62152 Datasheet HTML 2Page - EPCOS B62152 Datasheet HTML 3Page - EPCOS B62152 Datasheet HTML 4Page - EPCOS B62152 Datasheet HTML 5Page - EPCOS B62152 Datasheet HTML 6Page - EPCOS B62152 Datasheet HTML 7Page - EPCOS B62152 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Overview of available types
1) Magnetic characteristics and AL value are based on winding of center leg.
2) Double-aperture cores are available with parylene coating on request.
Ordering code for coated version: B62152P…
Core height h
(mm)
Material
AL value1)
nH (Tol.
30%)
Ordering code2)
14.5 –1.0
K1
330
B62152A0001X001
8.3 –0.6
K1
N30
190
10000
B62152A0004X001
B62152A0004X030
6.2 –0.5
K1
N30
140
7300
B62152A0007X001
B62152A0007X030
2.5 –0.2
K1
N30
M13
60
3100
1440
B62152A0008X001
B62152A0008X030
B62152A0008X013
2.0 –0.2
K1
N30
M13
42
2400
1100
B62152A0027X001
B62152A0027X030
B62152A0027X013
1.4 –0.2
N30
1600
B62152A0015X030
B62152
Double-aperture cores



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com