Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C669-MT Datasheet(PDF) 27 Page - Microchip Technology

Part # FDC37C669-MT
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C669-MT Datasheet(HTML) 27 Page - Microchip Technology

Back Button FDC37C669-MT Datasheet HTML 23Page - Microchip Technology FDC37C669-MT Datasheet HTML 24Page - Microchip Technology FDC37C669-MT Datasheet HTML 25Page - Microchip Technology FDC37C669-MT Datasheet HTML 26Page - Microchip Technology FDC37C669-MT Datasheet HTML 27Page - Microchip Technology FDC37C669-MT Datasheet HTML 28Page - Microchip Technology FDC37C669-MT Datasheet HTML 29Page - Microchip Technology FDC37C669-MT Datasheet HTML 30Page - Microchip Technology FDC37C669-MT Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 162 page
background image
27
DATA RATE SELECT REGISTER (DSR)
Address 3F4 WRITE ONLY
This register is write only. It is used to program the data
rate, amount of write precompensation, power down
status, and software reset. The data rate is programmed
using the Configuration Control Register (CCR) not the
DSR, for PC/AT and PS/2 Model 30 and
Microchannel applications. Other applications can set the
data rate in the DSR.
The data rate of the floppy
controller is the most recent write of either the DSR or
CCR.
The DSR is unaffected by a software reset. A
hardware reset will set the DSR to 02H, which
corresponds to the default precompensation setting and
250 kbps.
BIT 0 and 1 DATA RATE SELECT
These bits control the data rate of the floppy controller.
See Table 13 for the settings corresponding to the
individual data rates.
The data rate select bits are
unaffected by a software reset, and are set to 250 kbps
after a hardware reset.
BIT 2 through 4 PRECOMPENSATION SELECT
These
three
bits
select
the
value
of
write
precompensation that will be applied to the WDATA
output signal.
Table 12 shows the precompensation
values for the combination of these bits settings. Track 0
is
the
default
starting
track
number
to
start
precompensation. this starting track number can be
changed by the configure command.
BIT 5 UNDEFINED
Should be written as a logic "0".
BIT 6 LOW POWER
A logic "1" written to this bit will put the floppy controller
into Manual Low Power mode. The
floppy controller clock and data separator circuits will be
turned off. The controller will come out of manual low
power mode after a software reset or access to the Data
Register or Main Status Register.
BIT 7 SOFTWARE RESET
This active high bit has the same function as the DOR
RESET (DOR bit 2) except that this bit is self clearing.
Table 10 - Precompensation Delays
7
6
5
4
3
2
1
0
S/W
RESET
POWER
DOWN
0
PRE-
COMP2
PRE-
COMP1
PRE-
COMP0
DRATE
SEL1
DRATE
SEL0
RESET
COND.
0
0
0
0
0
0
1
0
PRECOMP
432
PRECOMPENSATION DELAY
111
001
010
011
100
101
110
000
0.00 ns-DISABLED
41.67 ns
83.34 ns
125.00 ns
166.67 ns
208.33 ns
250.00 ns
Default (See Table 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com